Electronic Components Datasheet Search
  English  ▼

X  

STA8088EXG Datasheet(PDF) 10 Page - STMicroelectronics

Part # STA8088EXG
Description  Flexible GPS/Galileo/Glonass/QZSS receiver with high performance processing (ARM9)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8088EXG Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STA8088EXG Datasheet HTML 6Page - STMicroelectronics STA8088EXG Datasheet HTML 7Page - STMicroelectronics STA8088EXG Datasheet HTML 8Page - STMicroelectronics STA8088EXG Datasheet HTML 9Page - STMicroelectronics STA8088EXG Datasheet HTML 10Page - STMicroelectronics STA8088EXG Datasheet HTML 11Page - STMicroelectronics STA8088EXG Datasheet HTML 12Page - STMicroelectronics STA8088EXG Datasheet HTML 13Page - STMicroelectronics STA8088EXG Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Pin description
STA8088EXG
10/24
Doc ID 022725 Rev. 2
2.4
Main function pins
2.5
Test / emulated dedicated pins
Table 4.
Main function pins
Symbol
I/O voltage
I/O
Functions
TFBGA169
RSTn
1.2 V
I
Reset Input with Schmitt-Trigger characteristics
and noise filter.
K8
STDBYn
1.2 V
I
When low, the chip is forced in Standby mode.
All pins in high impedance except the ones
powered by backup supply
J6
WAKEUP
1.2 V
I
WAKEUP from STANDBY mode
K7
STDBY_Out
1.2 V
O
When low, indicates the chip is in Standby mode.
J5
PPS_Out
VDD_IOR1
O
Pulsed per second output
J10
RTC_XTI
1.5 V (max)
I
Input of the 32 KHz oscillator amplifier circuit and
input of the internal real time clock circuit.
M9
RTC_XTO
1.5 V (max)
O
Output of the oscillator amplifier circuit.
N9
CAN0TX(1)
VDD_IOR5
O
CAN 0 - transmit data output
A4
CAN0RX(1)
VDD_IOR5
I
CAN 0 - receive data input
B4
USB_DM/UART1_RX
VDD_IOR5
USB/I
USB D- signal / UART 1 Rx data
A2
USB_DP/UART1_TX
VDD_IOR5
USB/O USB D+ signal / UART 1 Tx data
A3
ADC_IN[1:8]
1.4 V – 0 V
typ range
I
ADC analog input [1:8]
L7, L9, M7,
L8, N8, M8,
N7, K9
MMC_CLK
VDD_IOR2
O
MMC_CLK: multimedia clock line
D1
1.
Only for Automotive Grade devices.
Table 5.
Test/emulated dedicated pins
Symbol
I/O Voltage
I/O
Functions
TFBGA169
TCK
VDD_IOR5
I
JTAG test clock
G4
TDI
VDD_IOR5
I
JTAG test data in
G3
TDO
VDD_IOR5
O
JTAG test data out
H4
TMS
VDD_IOR5
I
JTAG test mode select
G1
TRSTn
VDD_IOR5
I
JTAG test circuit reset
G2
TP_IF_P
VRF12_IF
O
Diff. test point for IF – positive
H2
TP_IF_N
VRF12_IF
O
Diff. test point for IF – negative
J2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com