Electronic Components Datasheet Search
  English  ▼

X  

STA8088EXG Datasheet(PDF) 5 Page - STMicroelectronics

Part # STA8088EXG
Description  Flexible GPS/Galileo/Glonass/QZSS receiver with high performance processing (ARM9)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8088EXG Datasheet(HTML) 5 Page - STMicroelectronics

  STA8088EXG Datasheet HTML 1Page - STMicroelectronics STA8088EXG Datasheet HTML 2Page - STMicroelectronics STA8088EXG Datasheet HTML 3Page - STMicroelectronics STA8088EXG Datasheet HTML 4Page - STMicroelectronics STA8088EXG Datasheet HTML 5Page - STMicroelectronics STA8088EXG Datasheet HTML 6Page - STMicroelectronics STA8088EXG Datasheet HTML 7Page - STMicroelectronics STA8088EXG Datasheet HTML 8Page - STMicroelectronics STA8088EXG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
STA8088EXG
Overview
Doc ID 022725 Rev. 2
5/24
1
Overview
STA8088EXG is an integrated System-On-Chip device designed for a highly-flexible and
cost effective solution for vehicle, hand-held navigation and telematic applications.
It combines a high performance ARM946 microprocessor with embedded enhanced
peripherals and I/O capabilities, RF front-end and base band processor to support GPS,
Galileo, Glonass and QZSS satellite systems.
It also provides clock generation via PLL, backup logic with real time clock and it supports
USB2.0 standard at full speed.
STA8088EXG is software compatible with the ARM processor family. The device is power
supplied with 1.8 V and uses three on-chip voltage regulators to internally supply the RF
front-end, core logic the backup logic. In order to reduce the power consumption the chip
can be directly powered with 1.2 V bypassing the embedded voltage regulators.
I/O lines are compatible with 1.8 V and 3.3 V.
The chip, using STMicroelectronics CMOSRF technology, is housed in a TFBGA169
(9 x 9 x 1.2 mm) and TFBGA169 (12 x 12 x 1.2 mm) packages.
The Automotive Grade devices (see Figure 4: Ordering information scheme) fulfilling high
quality and service level automotive market requirements, is the ideal solution for OEM
telematic applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com