Electronic Components Datasheet Search
  English  ▼

X  

HT68F017 Datasheet(PDF) 91 Page - Holtek Semiconductor Inc

Part # HT68F017
Description  Enhanced Flash Type 8-Bit MCU with EEPROM
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F017 Datasheet(HTML) 91 Page - Holtek Semiconductor Inc

Back Button HT68F017 Datasheet HTML 87Page - Holtek Semiconductor Inc HT68F017 Datasheet HTML 88Page - Holtek Semiconductor Inc HT68F017 Datasheet HTML 89Page - Holtek Semiconductor Inc HT68F017 Datasheet HTML 90Page - Holtek Semiconductor Inc HT68F017 Datasheet HTML 91Page - Holtek Semiconductor Inc HT68F017 Datasheet HTML 92Page - Holtek Semiconductor Inc HT68F017 Datasheet HTML 93Page - Holtek Semiconductor Inc HT68F017 Datasheet HTML 94Page - Holtek Semiconductor Inc HT68F017 Datasheet HTML 95Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 116 page
background image
HT66F016/HT66F017/HT68F016/HT68F017
Rev. 1.00
91
May 14, 2012
The purpose of the Time Base Interrupt is to provide an interrupt signal at fixed time periods. Their clock sources origi-
nate from the internal clock source fTB. This fTB input clock passes through a divider, the division ratio of which is se-
lected by programming the appropriate bits in the TBC register to obtain longer interrupt periods whose value ranges.
The clock source that generates fTB, which in turn controls the Time Base interrupt period, can originate from several
different sources, as shown in the System Operating Mode section.
· TBC Register
Bit
76543210
Name
TBON
TBCK
TB11
TB10
¾
TB02
TB01
TB00
R/W
R/W
R/W
R/W
R/W
¾
R/W
R/W
R/W
POR
0011
¾
111
Bit 7
TBON: Time Base control
0: disable
1: enable
Bit 6
TBCK: Time Base clock fTB selection
0: fTBC
1: fSYS/4
Bit 5~4
TB11~TB10: select Time Base 1 Time-out period
00: 4096/fTB
01: 8192/fTB
10: 16384/fTB
11: 32768/fTB
Bit 3
Unimplemented, read as 0
Bit 2~0
TB02~TB00: select Time Base 0 Time-out period
000: 256/fTB
001: 512/fTB
010: 1024/fTB
011: 2048/fTB
100: 4096/fTB
101: 8192/fTB
110: 16384/fTB
111: 32768/fTB
M
U
X
f S Y S / 4
¸ 2 ~ 2
8
1 5
¸ 2 ~ 2
1 2
1 5
T B 1 1 ~ T B 1 0
T i m e B a s e 0 I n t e r r u p t
T i m e B a s e 1 I n t e r r u p t
T B C K B i t
T B 0 2 ~ T B 0 0
f T B
f T B C = f L I R C
Time Base Interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com