Electronic Components Datasheet Search
  English  ▼

X  

HT68F017 Datasheet(PDF) 12 Page - Holtek Semiconductor Inc

Part # HT68F017
Description  Enhanced Flash Type 8-Bit MCU with EEPROM
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F017 Datasheet(HTML) 12 Page - Holtek Semiconductor Inc

Back Button HT68F017 Datasheet HTML 8Page - Holtek Semiconductor Inc HT68F017 Datasheet HTML 9Page - Holtek Semiconductor Inc HT68F017 Datasheet HTML 10Page - Holtek Semiconductor Inc HT68F017 Datasheet HTML 11Page - Holtek Semiconductor Inc HT68F017 Datasheet HTML 12Page - Holtek Semiconductor Inc HT68F017 Datasheet HTML 13Page - Holtek Semiconductor Inc HT68F017 Datasheet HTML 14Page - Holtek Semiconductor Inc HT68F017 Datasheet HTML 15Page - Holtek Semiconductor Inc HT68F017 Datasheet HTML 16Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 116 page
background image
D.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
(HXT, HIRC)
¾
fSYS=8MHz
2.2
¾
5.5
V
fSYS=12MHz
2.7
¾
5.5
V
fSYS=20MHz
4.5
¾
5.5
V
IDD1
Operating Current (HXT),
(fSYS=fH,fS=fSUB=fLIRC)
3V
No load, fH=8MHz,
ADC off, WDT enable
¾
1.0
1.5
mA
5V
¾
2.5
4.0
mA
3V
No load, fH=12MHz,
ADC off, WDT enable
¾
1.5
2.5
mA
5V
¾
3.5
5.5
mA
3V
No load, fH=16MHz,
ADC off, WDT enable
¾
2.0
3.0
mA
5V
¾
4.5
7.0
mA
5V
No load, fH=20MHz,
ADC off, WDT enable
¾
5.5
8.5
mA
IDD2
Operating Current (HIRC),
(fSYS=fH,fS=fSUB=fLIRC)
3V
No load, fH=8MHz,
ADC off, WDT enable
¾
1.4
2.1
mA
5V
¾
2.4
3.6
mA
IDD3
Operating Current (LIRC),
(fSYS=fL=fLIRC,fS=fSUB=fLIRC)
3V
No load, ADC off,
WDT enable
¾
10
20
mA
5V
¾
30
50
mA
IIDLE0
IDLE0 Mode Standby Current
(LIRC on)
3V
No load, ADC off, WDT
enable
¾
1.5
3.0
mA
5V
¾
3.0
6.0
mA
IIDLE1
IDLE1 Mode Standby Current
(HXT)
3V
No load, ADC off, WDT
enable, fSYS=12MHz on
¾
0.6
1.0
mA
5V
¾
1.3
2.0
mA
IDLE1 Mode Standby Current
(HIRC)
3V
No load, ADC off, WDT
enable, fSYS=8MHz on
¾
0.9
1.4
mA
5V
¾
1.2
1.8
mA
ISLEEP0
SLEEP0 Mode Standby Current
(LIRC off)
3V
No load, ADC off, WDT
disable
¾¾
1
mA
5V
¾¾
2
mA
ISLEEP1
SLEEP1 Mode Standby Current
(LIRC on)
3V
No load, ADC off, WDT
enable
¾
1.5
3.0
mA
5V
¾
2.5
5.0
mA
VIL
Input Low Voltage for I/O Ports,
TC and INT
¾¾
0
¾
0.2VDD
V
5V
0
1.5
VIH
Input High Voltage for I/O Ports,
TC and INT
¾¾
0.8VDD
¾
VDD
V
5V
3.5
5.0
VLVR1
LVR Voltage Level
¾
LVR Enable, 2.10V option
-5%
2.10
+5%
V
VLVR2
LVR Enable, 2.55V option
-5%
2.55
+5%
V
VLVR3
LVR Enable, 3.15V option
-5%
3.15
+5%
V
VLVR4
LVR Enable, 3.80V option
-5%
3.80
+5%
V
HT66F016/HT66F017/HT68F016/HT68F017
Rev. 1.00
12
May 14, 2012



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com