Electronic Components Datasheet Search
  English  ▼

X  

HT68F017 Datasheet(PDF) 14 Page - Holtek Semiconductor Inc

Part # HT68F017
Description  Enhanced Flash Type 8-Bit MCU with EEPROM
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F017 Datasheet(HTML) 14 Page - Holtek Semiconductor Inc

Back Button HT68F017 Datasheet HTML 10Page - Holtek Semiconductor Inc HT68F017 Datasheet HTML 11Page - Holtek Semiconductor Inc HT68F017 Datasheet HTML 12Page - Holtek Semiconductor Inc HT68F017 Datasheet HTML 13Page - Holtek Semiconductor Inc HT68F017 Datasheet HTML 14Page - Holtek Semiconductor Inc HT68F017 Datasheet HTML 15Page - Holtek Semiconductor Inc HT68F017 Datasheet HTML 16Page - Holtek Semiconductor Inc HT68F017 Datasheet HTML 17Page - Holtek Semiconductor Inc HT68F017 Datasheet HTML 18Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 116 page
background image
A.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
fCPU
Operating Clock
¾
2.2V~5.5V
DC
¾
8
MHz
¾
2.7V~5.5V
DC
¾
12
MHz
4.5V~5.5V
DC
¾
20
MHz
fSYS
System Clock (HXT)
¾
2.2V~5.5V
0.4
¾
8
MHz
2.7V~5.5V
0.4
¾
12
MHz
4.5V~5.5V
0.4
¾
20
MHz
fHIRC
System Clock (HIRC)
3.0V~
5.5V
Ta=
-40°C~85°C
-6%
8
+6%
MHz
4.5V~
5.5V
Ta=
-40°C~85°C
-2%
8
+2%
MHz
fLIRC
System Clock (LIRC)
5V
Ta=25
°C
-10%
32
+10%
kHz
tINT
Interrupt Pulse Width
¾¾
10
¾¾
ms
tLVR
Low Voltage Width to Reset
¾¾
120
240
480
ms
tLVD
Low Voltage Width to Interrupt
¾¾
20
45
90
ms
tLVDS
LVDO stable time
¾
For all VLVD, LVR disable
200
¾¾
ms
tBGS
VBG Turn on Stable Time
¾¾
200
¾¾
ms
tTIMER
TCKn Input Pulse Width
¾¾
0.3
¾¾
ms
tSRESET
Software Reset Width to Reset
¾¾
45
90
120
ms
tRSTD
System Reset Delay Time
(Power on Reset)
¾¾
25
50
100
ms
System Reset Delay Time (Any
Reset except Power on Reset)
¾¾
8.3
16.7
33.3
ms
tSST
System Start-up Timer Period
(Wake-up from HALT, fSYS off at
HALT State)
¾
fSYS=HXT OSC
128
¾¾
tSYS
fSYS=HIRC OSC
16
¾¾
fSYS=LIRC OSC
2
¾¾
System Start-up Timer Period
(Wake-up from HALT, fSYS on at
HALT State)
¾¾
2
¾¾
tSYS
tEERD
EEPROM Read Time
¾¾
¾
24
tSYS
tEEWR
EEPROM Write Time
¾¾
¾
24
ms
Note:
1. tSYS=1/fSYS
2. To maintain the accuracy of the internal HIRC oscillator frequency, a 0.1
mF decoupling capacitor should be
connected between VDD and VSS and located as close to the device as possible.
HT66F016/HT66F017/HT68F016/HT68F017
Rev. 1.00
14
May 14, 2012



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com