Electronic Components Datasheet Search
  English  ▼

X  

HT68F017 Datasheet(PDF) 30 Page - Holtek Semiconductor Inc

Part # HT68F017
Description  Enhanced Flash Type 8-Bit MCU with EEPROM
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F017 Datasheet(HTML) 30 Page - Holtek Semiconductor Inc

Back Button HT68F017 Datasheet HTML 26Page - Holtek Semiconductor Inc HT68F017 Datasheet HTML 27Page - Holtek Semiconductor Inc HT68F017 Datasheet HTML 28Page - Holtek Semiconductor Inc HT68F017 Datasheet HTML 29Page - Holtek Semiconductor Inc HT68F017 Datasheet HTML 30Page - Holtek Semiconductor Inc HT68F017 Datasheet HTML 31Page - Holtek Semiconductor Inc HT68F017 Datasheet HTML 32Page - Holtek Semiconductor Inc HT68F017 Datasheet HTML 33Page - Holtek Semiconductor Inc HT68F017 Datasheet HTML 34Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 116 page
background image
HT66F016/HT66F017/HT68F016/HT68F017
Rev. 1.00
30
May 14, 2012
Oscillator
Various oscillator options offer the user a wide range of
functions according to their various application require-
ments. The flexible features of the oscillator functions
ensure that the best optimisation can be achieved in
terms of speed and power saving. Oscillator selections
and operation are selected through a combination of
configuration options and registers.
Oscillator Overview
In addition to being the source of the main system clock
the oscillators also provide clock sources for the Watch-
dog Timer and Time Base Interrupts. External oscilla-
tors requiring some external components as well as fully
integrated internal oscillators, requiring no external
components, are provided to form a wide range of both
fast and slow system oscillators. All oscillator options
are selected through the configuration options. The
higher frequency oscillators provide higher performance
but carry with it the disadvantage of higher power re-
quirements, while the opposite is of course true for the
lower frequency oscillators. With the capability of dy-
namically switching between fast and slow system
clock, the device has the flexibility to optimize the perfor-
mance/power ratio, a feature especially important in
power sensitive portable applications.
Type
Name
Freq.
Pins
External Crystal
HXT
400kHz~
20MHz
OSC1/
OSC2
Internal High
Speed RC
HIRC
8MHz
¾
Internal Low
Speed RC
LIRC
32kHz
¾
Oscillator Types
System Clock Configurations
There are methods of generating the system clock, two
high speed oscillators and one low speed oscillators.
The high speed oscillators are the external crystal/ce-
ramic oscillator - HXT and the internal 8MHz RC oscilla-
tor - HIRC. The low speed oscillator is the internal
32kHz oscillator - LIRC. Selecting whether the low or
high speed oscillator is used as the system oscillator is
implemented using the HLCLK bit and CKS2~CKS0 bits
in the SMOD register and as the system clock can be
dynamically selected.
L I R C
H i g h S p e e d
O s c i l l a t i o n
L o w S p e e d
O s c i l l a t i o n
f H
f H / 6 4
f H / 3 2
f H / 1 6
f H / 8
f H / 4
f H / 2
6 - s t a g e P r e s c a l e r
f S U B
H i g h S p e e d O s c i l l a t i o n
C o n f i g u r a t i o n O p t i o n
f S Y S
H L C L K ,
C K S 2 ~ C K S 0 b i t s
H X T
H I R C
F a s t W a k e - u p f r o m S L E E P M o d e o r
I D L E M o d e C o n t r o l ( f o r H X T o n l y )
f L
System Clock Configurations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com