Electronic Components Datasheet Search
  English  ▼

X  

0138000000 Datasheet(PDF) 28 Page - Weidmuller

Part # 0138000000
Description  SAK-series
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

0138000000 Datasheet(HTML) 28 Page - Weidmuller

Back Button 0138000000 Datasheet HTML 24Page - Weidmuller 0138000000 Datasheet HTML 25Page - Weidmuller 0138000000 Datasheet HTML 26Page - Weidmuller 0138000000 Datasheet HTML 27Page - Weidmuller 0138000000 Datasheet HTML 28Page - Weidmuller 0138000000 Datasheet HTML 29Page - Weidmuller 0138000000 Datasheet HTML 30Page - Weidmuller 0138000000 Datasheet HTML 31Page - Weidmuller 0138000000 Datasheet HTML 32Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 52 page
background image
Feed-through terminals for wrap termination
151
SAK 2.5 T
Pin 1 x 1
r
6/36.5/47.5/67
12 mm/M 2.5/3.5 x 0.6
250 V/8 A/2.5 mm2
4 kV/3
0.4…0.7
1
0.5…6
0.5…2.5
0.5…4
0.5…2.5
A 3
(Q 2…10) 24
300 V/10 A/22…12 AWG
Y
Cat. No.
Qty.
0108520000 100
01085600001)100
Type
Cat. No.
Qty.
AP (1.5)
0279520000 20
AP (1.5)
0279560000 20
TW (2.5)
0302820000 20
TW (1.5)
0302860000 20
TW (0.5)
0197100000 20
TW (2.0)
0607000000 20
TSch 1
0319160000 100
Q 2
0337000000 50
Q 3
0337100000 50
Q 4
0337200000 50
Q 10
0368700000 20
StB 8.5 (ø 2.3) 0280600000 50
PS 2.3
0180400000 20
DEK 6
see “Accessories”
r
6/36.5/47.5/62
12 mm/M 2.5/3.5 x 0.6
250 V/10 A/2.5 mm2
4 kV/3
0.4…0.7
1
0.5…6
0.5…2.5
0.5…4
0.5…2.5
A 3
(Q 2…10) 24
300 V/10 A/22…12 AWG
Y
Cat. No.
Qty.
0485920000 100
0478820000 100
Type
Cat. No.
Qty.
AP (1.5)
0279520000 20
AP (1.5)
0279560000 20
TW (2.5)
0302820000 20
TW (1.5)
0302860000 20
TW (0.5)
0197100000 20
TW (2.0)
0607000000 20
TSch 1
0319160000 100
Q 2
0337000000 50
Q 3
0337100000 50
Q 4
0337200000 50
Q 10
0368700000 20
StB 8.5 (ø 2.3) 0280600000 50
PS 2.3
0180400000 20
DEK 6
see “Accessories”
Dimensions/approvals
Width/length/height (mm)
with TS 32 Y
Insulation stripping length/clamping screw/screwdriver blade
Rated data
Rated voltage/current/cross-section
Rated impulse voltage VDE 0110/1.89/pollution severity
Further technical data
Tightening torque range
Nm
Torque setting with electric screwdriver type DMS 2
Clampable conductor
Solid H07V-U
mm2
Stranded H07V-R
mm2
Flexible H07V-K
mm2
Flexible H07V-K and ferrule according to DIN 46 228/1
mm2
Plug gauge according to IEC 60 947-1
Size
Continuous current of terminal for conductor size
Continuous current rating of cross-connection 2-pole
A
Continuous current rating of cross-connection multipole
A
Rated data according to UL/CSA
Voltage/current/conductor size
UL
Voltage/current/conductor size
CSA
Ordering data
Pin
Version
Right
KrG
Horizontal right
KrG
Vertical left
KrG
Horizontal
Vertical
Vertical right
KrG
assembly
assembly
2x vertical
KrG
Right
PA
End plate (thickness mm)
KrG
PA
Partition (thickness mm)
KrG
PA
HP
HP
Small partition
Cross-connection
2-pole
3-pole
4-pole
10-pole
Test plug/socket
Plug-test socket without using QL
PS
StB
Marking tags
Print
DEK
Standard
r
6/36.5/47.5/69
12 mm/M 2.5/3.5 x 0.6
250 V/10 A/2.5 mm2
4 kV/3
0.4…0.7
1
0.5…6
0.5…2.5
0.5…4
0.5…2.5
A 3
(Q 2…10) 24
300 V/10 A/22…12 AWG
Y
Cat. No.
Qty.
0371020000 100
0485020000 100
Type
Cat. No.
Qty.
AP (1.5)
0279520000 20
AP (1.5)
0279560000 20
TW (2.5)
0302820000 20
TW (1.5)
0302860000 20
TW (0.5)
0197100000 20
TW (2.0)
0607000000 20
TSch 1
0319160000 100
Q 2**
0337000000 50
Q 3**
0337100000 50
Q 4**
0337200000 50
Q 10**
0368700000 20
StB 8.5 (ø 2.3) 0280600000 50
PS 2.3
0180400000 20
DEK 6
see “Accessories”
** Not for Type 2 x vertical“
Mounting rails, end brackets, further marking material see “Accessories”
1
) Shock-proof with ADP4 cover profile (see section
“Accessories”)
Y
Y
Y
SAK 2.5 T
Pin 0.8 x 2.4
SAK 2.5 T
Pin 0.8 x 1.6
DIN 41 611, Part 2 and
for spring-clip termination
DIN 41 611, Part 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com