Electronic Components Datasheet Search
  English  ▼

X  

0138000000 Datasheet(PDF) 49 Page - Weidmuller

Part # 0138000000
Description  SAK-series
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

0138000000 Datasheet(HTML) 49 Page - Weidmuller

Back Button 0138000000 Datasheet HTML 44Page - Weidmuller 0138000000 Datasheet HTML 45Page - Weidmuller 0138000000 Datasheet HTML 46Page - Weidmuller 0138000000 Datasheet HTML 47Page - Weidmuller 0138000000 Datasheet HTML 48Page - Weidmuller 0138000000 Datasheet HTML 49Page - Weidmuller 0138000000 Datasheet HTML 50Page - Weidmuller 0138000000 Datasheet HTML 51Page - Weidmuller 0138000000 Datasheet HTML 52Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 49 / 52 page
background image
172
a r
6/20/31
7,8
9 mm/M 2.5/3.5 x 0.6
400 V/20 A/2.5/1.5 mm2
6 kV/3
0.4
1
0.5…2.5
1.5…2.5
0.5…2.5
0.5…1.5
0.5…1.5
0.13...2.5 / A2
10
300 V/20 A/26…12 AWG
300 V/10 A/24…12 AWG
Cat. No.
1.5
Qty.
0300720000
100
Type
Cat. No.
Qty.
AP (3)
0162520000 100
ZP (1.5)
0240720000 50
ZP (2.5)
0288520000 20
SST 1.2
0306600000
DEK 6
see “Accessories”
a r
6/22/36.5
8,4
9 mm/M 3.5/3.5 x 0.6
400 V/16 A/4/1.5 mm2
6 kV/3
0.5…1.0
2
0.5…4
1.5…4
0.5…4
0.5…2.5
0.5…2.5
0.13...2.5 / A3
10
300 V/10 A/26…12 AWG
300 V/15 A/26…12 AWG
1.5
Qty. 2.5
Qty.
0303860000100 0301060000100
Type
Cat. No.
Qty.
AP (3)
0476260000 50
TW (0.5)
0442300000 50
PS 2.3
0180400000 20
SST 1.2
0306600000
IH 2.8
0386060000 100
DEK 6
see “Accessories”
a r
6/22/36.5
8.5/7.5
11 mm/M 2.5/3.5 x 0.6
400 V/20 A/2.5/1.5 mm2
6 kV/3
0.4…0.6
1
0.5…2.5
1.5…2.5
0.5…2.5
0.5…1.5
0.5…1.5
0.13...2.5 / A2
300 V/20 A/26…14 AWG
300 V/15 A/22…14 AWG
1.5
Qty. 2.5
Qty.
0476060000100 0478660000100
Type
Cat. No.
Qty.
AP (3)
0476260000 50
AP (3)
0360000000 20
TW (0.5)
0442300000 50
SST 1.2
0306600000
IH 2.8
0386060000 100
DEK 6
see “Accessories”
a r
6/22/36.5
8,4
–
400 V/16 A/2.5/1.5/1 mm2
6 kV/3
–
–
0.5...2.5 / -
300 V/18 A/12 AWG max.
300 V/3 A/–
1.5
Qty. 2.5
Qty.
0476160000100 0478560000100
Type
Cat. No.
Qty.
AP (3)
0476260000 50
TW (0.5)
0442300000 50
SST 1.2
030660
IH 2.8
0386060000 100
IH 6.3
0386260000 100
DEK 6
see “Accessories”
Dimensions/approvals
Width/length/height with Pins (mm)
Length solder tag/pin (mm)
Insulation stripping length/clamping screw/screwdriver blade
Rated data
Rated voltage*/current/cross-section
Rated impulse voltage VDE 0110/1.89/pollution severity
Further technical data
Tightening torque range
Nm
Torque setting with electric screwdriver type DMS 2
Clampable conductor
Solid H07V-U
mm2
Stranded H07V-R
mm2
Flexible H07V-K
mm2
Flexible H07V-K and ferrule DIN 46 228/1
mm2
Flexible H07V-K and ferrule with plastic insul. collar
mm2
Max. clamping range in mm2/plug gauge acc. to IEC 60 947-1 Size
Continuous current rating of cross-connection 2-pole
A
Continuous current rating of cross-connection multipole
A
Rated data according to UL/CSA
Voltage/current/conductor size
UL
Voltage/current/conductor size
CSA
Ordering data
Version
for plate thickn. mm
PA
KrG
Pin 1.0x1.0
Pin 0.8x1.6
FS 1x6.3 slotted/0.8x2.8
12-pole PA
End plate (thickness mm)
KrG
PA
EP
Spacer (thickness mm)
KrG
KrG
Partition (thickness mm)
TW
Test plug/socket
StB
Plug test socket ø 2.3
PS
Fuse pin/insulation sleeve/expansion rivet
IH
Marking tags
Print
DEK
Standard
Mounting rails, end brackets, further marking material see “Accessories”
* Insulation sleeves are to be used for tab connections to maintain
the rated voltage.
AKA 2.5
ADK 1
ADK 1 F
ADK 3 F
ADK 1 S
Screw connection
Solder connection
Tab connection
Spring-clip connection
acc. to DIN 41 611 Part 4
Wrap connection
acc. to DIN/IEC 352 Part 1
Feed-through terminals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com