Electronic Components Datasheet Search
  English  ▼

X  

0138000000 Datasheet(PDF) 42 Page - Weidmuller

Part # 0138000000
Description  SAK-series
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

0138000000 Datasheet(HTML) 42 Page - Weidmuller

Back Button 0138000000 Datasheet HTML 38Page - Weidmuller 0138000000 Datasheet HTML 39Page - Weidmuller 0138000000 Datasheet HTML 40Page - Weidmuller 0138000000 Datasheet HTML 41Page - Weidmuller 0138000000 Datasheet HTML 42Page - Weidmuller 0138000000 Datasheet HTML 43Page - Weidmuller 0138000000 Datasheet HTML 44Page - Weidmuller 0138000000 Datasheet HTML 45Page - Weidmuller 0138000000 Datasheet HTML 46Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 52 page
background image
165
Feed-through terminals for TS 15
a r
6/27/48.5
1 x 1
9 mm/M 3/3.5 x 0.6
250 V/10 A/4 mm2
4 kV/3
0.5…1.0
2
0.5…4
1.5…4
0.5…4
0.5…4
0.5…4
0.13...4.0 / A3
20
20
300 V/10 A/26…14 AWG
300 V/10 A/24…12 AWG
Type
Cat. No.
Qty.
AKZ 4 T
0445860000 100
AP (1.5)
0294460000 20
TW (1.5)
0348260000 50
TSch 4
0363360000 100
Q 2
0336400000 50
Q 3
0336500000 50
Q 4
0336600000 50
Q 10
0368600000 20
VL 2
0446700000 50
VH 10
0446600000 50
BS M 2.5 x 14 0266800000 100
StB 8.5
0215700000 50
PS 2.3
0180400000 20
DEK 6
see “Accessories”
a r
6/27/50.5
0.8 x 1.6
9 mm/M 3/3.5 x 0.6
250 V/10 A/4 mm2
4 kV/3
0.5…1.0
2
0.5…4
1.5…4
0.5…4
0.5…4
0.5…4
0.13...4.0 / A3
20
20
300 V/10 A/26…14 AWG
300 V/10 A/24…12 AWG
Type
Cat. No.
Qty.
AKZ 4 T
0344160000 100
AKZ 4 T
0344060000 100
AP (1.5)
0294460000 20
TW (1.5)
0348260000 50
TSch 4
0363360000 100
Q 2
0336400000 50
Q 3
0336500000 50
Q 4
0336600000 50
Q 10
0368600000 20
VL 2
0446700000 50
VH 10
0446600000 50
BS M 2.5 x 14 0266800000 100
StB 8.5
0215700000 50
PS 2.3
0180400000 20
DEK 6
see “Accessories”
a r
5/26/46.7
0.8 x 1.6
7 mm/M 2.5/3.0 x 0.5
250 V/8 A/2.5 mm2
4 kV/3
0.4…0.6
1
0.5…4
1.5…2.5
0.5…2.5
0.5…2.5
0.5…2.5
0.13...4.0 / A3
24
24
300 V/10 A/26…14 AWG
300 V/10 A/26…10 AWG
Type
Cat. No.
Qty.
AKZ 2.5 K
0695460000 100
AKZ 2.5 K
0695660000 100
AP (2.5)
0697260000 50
TW (1.5)
0318560000 20
Q 2
0368200000 50
Q 3
0368300000 50
Q 4
0368400000 50
Q 10
0368500000 20
StB 8.5
0215700000 50
PS 2.3
0180400000 20
DEK 5
see “Accessories”
a r
5/47.5/27
0.8 x 1.6
7 mm/M 2.5/3.0 x 0.5
250 V/8 A/2.5 mm2
4 kV/3
0.4…0.6
1
0.5…4
1.5…2.5
0.5…2.5
0.5…2.5
0.5…2.5
0.13...4.0 / A3
24
24
300 V/10 A/26…14 AWG
300 V/10 A/26…10 AWG
Type
Cat. No.
Qty.
AKZ 2.5 K
0695960000 100
AKZ 2.5 K
0696160000 100
AP (2.5)
0697260000 50
TW (1.5)
0318560000 20
Q 2
0368200000 50
Q 3
0368300000 50
Q 4
0368400000 50
Q 10
0368500000 20
StB 8.5
0215700000 50
PS 2.3
0180400000 20
DEK 5
see “Accessories”
a r
6/27/57,8
0.8 x 2.4
9 mm/M 3/3.5 x 0.6
250 V/10 A/4 mm2
4 kV/3
0.5…1.0
2
0.5…4
1.5…4
0.5…4
0.5…4
0.5…4
0.13...4.0 / A3
20
20
300 V/10 A/26…14 AWG
300 V/10 A/24…12 AWG
Type
Cat. No.
Qty.
AKZ 4 T
0366460000 100
AKZ 4 T
0461660000 100
AP (1.5)
0294460000 20
TW (1.5)
0348260000 50
TSch 4
0363360000 100
Q 2
0336400000 50
Q 3
0336500000 50
Q 4
0336600000 50
Q 10
0368600000 20
VL 2
0446700000 50
VH 10
0446600000 50
BS M 2.5 x 14 0266800000 100
StB 8.5
0215700000 50
PS 2.3
0180400000 20
DEK 6
see “Accessories”
r
6/27/50.2
0.8 x 1.6
–
250 V/10 A/2.5 mm2
4 kV/3
0.5...2.5 / -
20
20
300 V/10 A/24…12 AWG
Type
Cat. No.
Qty.
AKZ 4 ST
0439260000 100
AP (1.5)
0294460000 20
TW (1.5)
0348260000 50
Q 2
0369000000 50
Q 3
0369100000 50
Q 4
0369200000 50
Q 10
0369300000 20
StB 8.5
0215700000 50
PS 2.3
0180400000 20
DEK 6
see “Accessories”
U
U
U
U
U
U
AKZ 2.5 K
AKZ 2.5 K
AKZ 4 T
AKZ 4 T
AKZ 4 T
AKZ 4 ST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com