Electronic Components Datasheet Search
  English  ▼

X  

0138000000 Datasheet(PDF) 43 Page - Weidmuller

Part # 0138000000
Description  SAK-series
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

0138000000 Datasheet(HTML) 43 Page - Weidmuller

Back Button 0138000000 Datasheet HTML 39Page - Weidmuller 0138000000 Datasheet HTML 40Page - Weidmuller 0138000000 Datasheet HTML 41Page - Weidmuller 0138000000 Datasheet HTML 42Page - Weidmuller 0138000000 Datasheet HTML 43Page - Weidmuller 0138000000 Datasheet HTML 44Page - Weidmuller 0138000000 Datasheet HTML 45Page - Weidmuller 0138000000 Datasheet HTML 46Page - Weidmuller 0138000000 Datasheet HTML 47Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 52 page
background image
Thermocouple, type J
Thermocouple acc. to IEC 584 (DIN 43 710)
Busbar
Constantan (CuNi)
Iron (Fe)
Weidmüller’s thermocouple terminals are
specially designed for transmitting the
smallest voltages in temperature measu-
ring circuits. Special busbars ensure that
no false signals occur in the terminal when
temperature differences exist in the positi-
ve and negative path. This high measuring
precision is necessary for, e.g. test beds
for aircraft engines, for complicated chemi-
cal processes, control systems, etc.
• Busbar material corresponds to thermal
and compensating conductors
•Clear thermocouple marking
• 2-pole blocks per thermocouple
• Row width 14 mm, incl. end plate
Configuration of a temperature mea-
suring circuit
1 Thermocouple (sensor)
4 Reference point
2 Thermocouple terminals
5 Supply conductors (to
and from)
3 Compensating conductor
6 Measuring device
The thermocouple terminals displayed in
this measurement circuit are used to ther-
mo-electrically transmit thermal e.m.f. of
the thermocouple to the reference point
and indicating device. Thermocouple ter-
minals are required for the construction of
temperature measuring circuits.
166
Feed-through terminals for TS 15
AKZ 4/TC
Dimensions
Width/length/height (mm)
with TS 15 U
Insulation stripping length/clamping screw/screwdriver blade
Rated data
Rated voltage/current/cross-section
Further technical data
Tightening torque range
Nm
Torque setting with electric screwdriver type DMS 2
Clampable conductor
Solid H07V-U
mm2
Stranded H07V-R
mm2
Flexible H07V-K
mm2
Flexible H07V-K and ferrule DIN 46 228/1
mm2
Flexible H07V-K and ferrule with plastic insul. collar
mm2
Plug gauge acc. to IEC 60 947-1
Size
Continuous current of terminal for conductor size
Continuous current rating of cross-connection 2-pole
A
Continuous current rating of cross-connection multipole
A
Ordering data
Version
for thermocouples
Type J
Fe – CuNi
Acc. to IEC 584 Type T
Cu – CuNi
(DIN 43710)
Type K
NiCr – Ni
Type E
NiCr – CuNi
End plate
AP (thickness 1.5 mm)
PA
Partition
TW (thickness 0.5 mm)
PA
Marking tags
Print
Material V0
14/27/30
9 mm/M 3/3.5 x 0.6
–/–/4 mm2
0.5…1
2
0.5…4
1.5…4
0.5…4
0.5…2.5
0.5…2.5
A 3
U
TS 15
Cat. No.
Qty.
1627010000 20
on demand
1677130000 20
on demand
Cat. No.
Qty.
0294460000 20
0348260000 50
DEK 5/6
1789590000 500
Mounting rails, end brackets, further marking material see “Accessories”
U
for temperature measuring
circuits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com