Electronic Components Datasheet Search
  English  ▼

X  

STD Datasheet(PDF) 2 Page - Texas Instruments

Part # STD
Description  TPS7A4700EVM-094 Evaluation Module
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

STD Datasheet(HTML) 2 Page - Texas Instruments

  STD Datasheet HTML 1Page - Texas Instruments STD Datasheet HTML 2Page - Texas Instruments STD Datasheet HTML 3Page - Texas Instruments STD Datasheet HTML 4Page - Texas Instruments STD Datasheet HTML 5Page - Texas Instruments STD Datasheet HTML 6Page - Texas Instruments STD Datasheet HTML 7Page - Texas Instruments STD Datasheet HTML 8Page - Texas Instruments STD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Setup
www.ti.com
2
Setup
This section describes the connectors and headers on the EVM as well as how to properly connect, setup
and use the TPS7A4700EVM-094. See the Assembly Layer diagram, Figure 5, for the location and
orientation of referenced components.
2.1
Input/Output Connector-Headers and Jumper Descriptions
•
J1 V
IN – Positive (+) input power supply voltage test and measurement header
•
J2 GND – Ground and measurement header
•
J3 V
OUT – Regulator output (up to 1 Amp)
•
J4 GND – Ground return from the load (up to 1 Amp)
•
J5 (S+) – V
OUT, Kelvin connection VOUT
•
J5 (S–) – GRD, Kelvin connection Ground
•
J6 & J7 – Extra GRD connections
•
J8 – Enable jumper for external resistor divider
•
J9 – Enable jumper for the TPS7A4700-094 EVM
•
J10 – Header for selecting the appropriate output voltage
NOTE:
The positive input lead and ground return lead from the input power supply should be twisted
and kept as short as possible to minimize EMI and source inductance. Additional bulk
capacitance in the form of a Tantalum cap (47 µF; 35 V) has been added to the EVM at C1
to counter source inductances that may cause ringing on the load transient waveform during
higher current transients. This bulk capacitance should not be necessary in a typical
application circuit.
Output Voltage Set Note: Set the output voltage by connecting J10 header pins, each
assigned to a given voltage level, to ground where V
OUT = VREF + (Sum of the jumper
voltages). J10 header pins are numbered sequentially, odd pins (1, 3, 5...15) ascending
leftward of pin 1 on the top row. All odd pins are connected to ground. Each even pin is
numbered right to left sequentially (2, 4, 6…16) on the bottom row and each even pin is
assigned a unique voltage level. See the pin-to-pin output voltage assignments in Table 1.
Table 1. J10 Jumper Voltages
V
OUT = VREF
(1) + Sum of Voltage Levels
Voltage Level
Voltage Set Pins
Ground Pins
100 mV
16
15
200 mV
14
13
400 mV
12
11
800 mV
10
9
1.6 V
8
7
3.2 V
6
5
6.4 V
4
3
6.4 V
2
1
(1)
See the data sheet for V
REF value. Publication: SBVS204
Example: Set V
OUT to 3.0 V by connecting a shorting jumper from pin 8 to pin 7.
V
OUT = VREF + 1.6 V = 3.0 V
2.2
Soldering Guidelines
Any solder rework to modify the EVM for the purpose of repair or other application reasons must be
performed using a hot-air system to avoid damaging the integrated circuit (IC).
2
TPS7A4700EVM-094 Evaluation Module
SLVU741 – May 2012
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com