Electronic Components Datasheet Search
  English  ▼

X  

STD Datasheet(PDF) 8 Page - Texas Instruments

Part # STD
Description  TPS7A4700EVM-094 Evaluation Module
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

STD Datasheet(HTML) 8 Page - Texas Instruments

Back Button STD Datasheet HTML 4Page - Texas Instruments STD Datasheet HTML 5Page - Texas Instruments STD Datasheet HTML 6Page - Texas Instruments STD Datasheet HTML 7Page - Texas Instruments STD Datasheet HTML 8Page - Texas Instruments STD Datasheet HTML 9Page - Texas Instruments STD Datasheet HTML 10Page - Texas Instruments STD Datasheet HTML 11Page - Texas Instruments STD Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Schematic and Bill of Materials
www.ti.com
7.2
Bill of Materials
Table 3. TPS7A4700EVM-094 Bill of Materials
QTY
RefDes
Value
Description
Size
Part Number
MFR
1
C1
47 µF
Capacitor, tantalum, 35 V, X5R, 20%
7343
TAJE476M035RNJ
AVX
1
C2
10 µF
Capacitor, ceramic, 50 V, X5R, 10%
1206
C3216X5R1H106K
TDK
1
C3
1.0 µF
Capacitor, ceramic, 50 V, X5R,10%
0603
STD
TDK
0
C4
0.01 µF
Capacitor, ceramic, 25 V, X5R,10%
0603
STD
STD
5
C5-9
10 µF
Capacitor, ceramic, 25 V, X5R,10%
0805
STD
STD
8
J1- J8
PEC02SAAN
Header, Male 2-pin, 100 mil spacing
0.100 in × 2
PEC02SAAN
Sullins
1
J9
PEC03SAAN
Header, Male 3-pin, 100 mil spacing
0.100 in × 3
PEC03SAAN
Sullins
1
J10
PEC08DAAN
Header, Male 2 × 8 pin, 100 mil spacing
0.100 in × 2 × 8
PEC08DAAN
Sullins
0
R1
604 k
Ω
Resistor, chip, 1/16W, 1%
0603
STD
STD
0
R2
51.1 k
Ω
Resistor, chip, 1/16W, 1%
0603
STD
STD
1
U1
TPS7A4700RGW
IC, Low Noise Power Solution For High
QFN-20
TPS7A4700RGW
TI
Performance Signal Chain Applications
5
Shunt, Black
100-mil
929950-00
3M
1
--
PCB
PCB, 1.60 in x 2.50 in x 0.062 in
1.6 × 2.5 × 0.062 in
PWR094
Any
1
--
Label (See note 5)
1.25 × 0.25 in
THT-13-457-10
Brady
Notes:
1. These assemblies are ESD sensitive, ESD precautions shall be observed.
2. These assemblies must be clean and free from flux and all contaminants. Use of no clean flux is not acceptable.
3. These assemblies must comply with workmanship standards IPC-A-610 Class 2.
4. Ref designators marked with an asterisk ('**') cannot be substituted. All other components can be substituted with equivalent MFG's
components.
5. Install label in silkscreened box after final wash. Text is 8 pt. font, as shown:
Assembly Number: PWR094-001, Text: TPS7A4700EVM-094
8
TPS7A4700EVM-094 Evaluation Module
SLVU741 – May 2012
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com