Electronic Components Datasheet Search
  English  ▼

X  

STD Datasheet(PDF) 3 Page - Texas Instruments

Part # STD
Description  TPS7A4700EVM-094 Evaluation Module
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

STD Datasheet(HTML) 3 Page - Texas Instruments

  STD Datasheet HTML 1Page - Texas Instruments STD Datasheet HTML 2Page - Texas Instruments STD Datasheet HTML 3Page - Texas Instruments STD Datasheet HTML 4Page - Texas Instruments STD Datasheet HTML 5Page - Texas Instruments STD Datasheet HTML 6Page - Texas Instruments STD Datasheet HTML 7Page - Texas Instruments STD Datasheet HTML 8Page - Texas Instruments STD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
www.ti.com
Operation
2.3
Initial Setup and Equipment Interconnect
•
Select the desired V
OUT by programming the output voltage according to the instructions listed above in
the Output Voltage Set Note in Section 2.1.
•
Disable the EVM by adding a shorting jumper to J9 from EN (Pin 2) to OFF (Pin3).
•
Before connecting the input power supply to the EVM, verify that the output voltage is set to the
desired supply voltage (+3 V to +35 V range) and that it is current limited to 2 A. With the input power
supply turned off, connect the positive voltage lead (+) from the power supply to V
IN (J1, Pin 1) of the
EVM. Next, connect the ground lead (-) from the power supply to GND (J2, Pin 1).
•
Connect a 0- to 1-A load between V
OUT (J3, Pin 1) and GND (J4, Pin 1).
3
Operation
1. Turn on the input power supply and verify that the output voltage, V
OUT, is near 0 V.
2. Enable the output by reconnecting the jumper on J9 to short the EN (Pin 2) to the ON (Pin 1).
3. Vary the load current and V
IN voltage as necessary for test purposes.
NOTE: Note: Power dissipation (P
DISP) across the TPS7A4700 is dependent on the VIN to VOUT
voltage drop and the output load current, I
Load (PDISP = (VIN – VOUT) × ILoad). If the power
dissipation is high, the output voltage may continuously transition on-off-on, due to the
shutdown effect of the thermal limit shutdown circuit.
4
Test Results
This section provides typical performance waveforms for the EVM, characteristic of this design.
4.1
Turn On Characteristic
Figure 1 shows the V
OUT ramp-up waveform at turn-on (ENable) as well as the input surge current into the
IN pin of the LDO itself when the LDO starts-up into a fully loaded output.
Figure 1. Turn On Sequence
3
SLVU741 – May 2012
TPS7A4700EVM-094 Evaluation Module
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com