Electronic Components Datasheet Search
  English  ▼

X  

STD Datasheet(PDF) 4 Page - Texas Instruments

Part # STD
Description  TPS7A4700EVM-094 Evaluation Module
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

STD Datasheet(HTML) 4 Page - Texas Instruments

  STD Datasheet HTML 1Page - Texas Instruments STD Datasheet HTML 2Page - Texas Instruments STD Datasheet HTML 3Page - Texas Instruments STD Datasheet HTML 4Page - Texas Instruments STD Datasheet HTML 5Page - Texas Instruments STD Datasheet HTML 6Page - Texas Instruments STD Datasheet HTML 7Page - Texas Instruments STD Datasheet HTML 8Page - Texas Instruments STD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Thermal Guidelines and Layout Recommendations
www.ti.com
4.2
Output Load Transient
Figure 2 shows the V
OUT transient response
Figure 2. Step Load and Output Voltage Transient Response
5
Thermal Guidelines and Layout Recommendations
Thermal management is a key consideration in the design of any dc-dc converter but is especially
important for an LDO when the power dissipation is high. Use the equation below to approximate the
worst case junction temperature for the application:
T
J = TA + Pd × θJA
(1)
where T
J is the junction temperature (°C), TA is the ambient temperature (°C), Pd is the power dissipation
in the device (Watts), and
θ
JA is the thermal resistance from junction to ambient (°C/W). The maximum
silicon junction temperature should not be allowed to exceed 125°C for reliable operation. The layout
design must use copper traces and plane areas smartly, as thermal sinks, so as to not allow T
J to exceed
the absolute maximum rating under all load, voltage, and temperature conditions for a given application.
The layout should consider carefully the thermal design of the PCB for optimal performance over
temperature. For this EVM, Figure 4 shows that the RGW package footprint employs a square thermal
pad, centered under the part, for conducting heat to the copper spreading layers of the PCB. The thermal
pad is soldered directly to a pad on the PCB containing a 5 × 5 pattern of 10.mil vias for conducting heat
to the bottom side ground plane copper. Approximately 4.0 in
2 of 2 ounce copper is used on the bottom
side of the EVM for dissipating heat generated by the LDO.
Table 2 relies on thermal resistance information from the Thermal Information Table of the TPS7A4700
data sheet for comparison with the approximate thermal resistance,
θ
JA, calculated for this EVM layout to
show the variation in junction-ambient thermal resistances for varying copper areas. The High-K thermal
resistance,
θ
JA, is determined using a standard JEDEC high-k (2s2p) board having dimensions of 3 in × 3
in with two 1-ounce internal power and ground planes and one 2-ounce copper bottom plane for
spreading/sinking heat from the IC component.
Table 2. Thermal Resistance,
θ
JA, and Maximum Power Dissipation
Max Dissipation without
Max Dissipation without
Board
Package
θ
JA
Derating (T
A = 25°C)
Derating (T
A = 70°C)
High-K
RGW
30.5°C/W
3.27 W
1.8 W
TPS7A4700EVM-094
RGW
21°C/W
4.76 W
2.6 W
4
TPS7A4700EVM-094 Evaluation Module
SLVU741 – May 2012
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com