Electronic Components Datasheet Search
  English  ▼

X  

0290000000 Datasheet(PDF) 18 Page - Weidmuller

Part # 0290000000
Description  SAK-series
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

0290000000 Datasheet(HTML) 18 Page - Weidmuller

Back Button 0290000000 Datasheet HTML 14Page - Weidmuller 0290000000 Datasheet HTML 15Page - Weidmuller 0290000000 Datasheet HTML 16Page - Weidmuller 0290000000 Datasheet HTML 17Page - Weidmuller 0290000000 Datasheet HTML 18Page - Weidmuller 0290000000 Datasheet HTML 19Page - Weidmuller 0290000000 Datasheet HTML 20Page - Weidmuller 0290000000 Datasheet HTML 21Page - Weidmuller 0290000000 Datasheet HTML 22Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 52 page
background image
Fuse terminals
141
13/69/62
13/69/63
12 mm/–/–
250 V/6.3 A1)/10 mm2
0.5…16
0.5…10
B 6
600 V/10 A/22…8 AWG
Y
Qty. W
Qty.
9509570000 20 9509600000 20
Type
Cat. No.
Qty.
AP (3)
9509630000 20
5 x 20 mm
0.10 (f)
0430300000 10
0.20 (f)
0430400000 10
0.25 (f)
0430500000 10
0.50 (f)
0430600000 10
1.00 (f)
0430700000 10
1.60 (f)
0430800000 10
2.00 (f)
0430900000 10
2.50 (f)
0431000000 10
3.15 fast
0431100000 10
4.0 fast
0431200000 10
5.0 fast
0431300000 10
6.3 fast
0431400000 10
5 x 20 SBL
0446100000 40
DEK 5
see “Accessories”
13/69/62
13/69/63
12 mm/–/–
250 V/13 A2)/10 mm2
0.5…16
0.5…10
B 6
600 V/15 A/22…8 AWG
Y
Qty. W
Qty.
9509580000 20 9509610000 20
Type
Cat. No.
Qty.
AP (3)
9509630000 20
1 x 1/4”
1 x 1/4" SBL 0446200000 40
DEK 5
see “Accessories”
13/69/62
13/69/63
12 mm/–/–
440 V/10 A/10 mm2
0.5…16
0.5…10
B 6
600 V/15 A/22…8 AWG
Y
Qty. W
Qty.
9509620000 20
Type
Cat. No.
Qty.
AP (3)
9509630000 20
1 1/4 x 1/4”
E 2 A
0294500000 10
E 3 A
0295700000 10
E 5 A
0294600000 10
E 7 A
0295800000 10
E 10 A
0293900000 10
11/4 x1/4"SBL 0446300000
40
DEK 5
see “Accessories”
Y
Y
Y
1
) Max. fuse rating according to DIN 41 660, IEC 127 CEE4 Type 1
2
) Fuse according to BS 1362
KSKM 1
KSKM 1/35
KSKM 2
KSKM 2/35
KSKM 3
KSKM 3/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com