Electronic Components Datasheet Search
  English  ▼

X  

0290000000 Datasheet(PDF) 50 Page - Weidmuller

Part # 0290000000
Description  SAK-series
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

0290000000 Datasheet(HTML) 50 Page - Weidmuller

Back Button 0290000000 Datasheet HTML 44Page - Weidmuller 0290000000 Datasheet HTML 45Page - Weidmuller 0290000000 Datasheet HTML 46Page - Weidmuller 0290000000 Datasheet HTML 47Page - Weidmuller 0290000000 Datasheet HTML 48Page - Weidmuller 0290000000 Datasheet HTML 49Page - Weidmuller 0290000000 Datasheet HTML 50Page - Weidmuller 0290000000 Datasheet HTML 51Page - Weidmuller 0290000000 Datasheet HTML 52Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 50 / 52 page
background image
173
r
6/22/52
24
11 mm/M 2.5/3.5 x 0.6
250 V/10 A/2.5 mm2
4 kV/3
0.4…0.6
1
0.5…2.5
1.5…2.5
0.5…2.5
0.5…1.5
0.5…1.5
0.33...2.5 / A2
300 V/3 A/22…14 AWG
Cat. No.
1.5
Qty.
0176960000
100
Type
Cat. No.
Qty.
AP (3)
0476260000 50
TW (0.5)
0442300000 50
SST 1.2
0306600000
DEK 6
see “Accessories”
a r
86/15/23
8
5
63 V/20 A/2.5/1.5 mm2
1.5 kV/3
0.4…0.45
1
0.5…2.5
1.5…2.5
0.5…2.5
0.5…2.5
0.5…2.5
0.2...2.5 / A2
300 V/10 A/24…12 AWG
300 V/10 A/24…12 AWG
Cat. No.
Qty.
0241460000
50
Type
Cat. No.
Qty.
SN
0200100000 500
BSTb 28/12 024570…
50
BSTo 28/12 024560…
50
0109160000 solder tag
ADK 1 T
AKZ 2.5 K
ADK 1 FT
MK 2/12
Feed-through terminals
a r
6/22/50.5
19.5…21.9
9 mm/M 3/3.5 x 0.6
400 V/8 A/4 mm2
6 kV/3
0.5…1.0
2
0.5…4
1.5…4
0.5…4
0.5…2.5
0.5…2.5
0.13...4.0 / A3
10
300/250 V/10 A/26…12 AWG
300 V/15 A/26…12 AWG
1.5
Qty. 2.5
Qty.
0372260000 100
0366360000 100
Type
Cat. No.
Qty.
AP (3)
0476260000 50
TW (0.5)
0442300000 50
PS 2.3
0180400000 20
SST 1.2
0306600000
DEK 6
see “Accessories”
a r
5/26/45.5
22.4…23.6
7 mm/M 2.5/3.0 x 0.5
250 V/8 A/2.5 mm2
4 kV/3
0.4…0.6
1
0.5…2.5
1.5…2.5
0.5…2.5
0.5…2.5
0.5…2.5
0.13...2.5 / A2
10
300/250 V/10 A/22…12 AWG
300 V/10 A/26…10 AWG
Cat. No.
Qty.
0109160000 solder tag 100
0108960000
100
Type
Cat. No.
Qty.
AP (3)
0697260000 50
TW (1.5)
0318560000 20
PS 2.3
0180400000 20
StB 8.5
0215700000 50
IH 2.8
0386060000 100
DEK 5
see “Accessories”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com