Electronic Components Datasheet Search
  English  ▼

X  

0290000000 Datasheet(PDF) 23 Page - Weidmuller

Part # 0290000000
Description  SAK-series
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

0290000000 Datasheet(HTML) 23 Page - Weidmuller

Back Button 0290000000 Datasheet HTML 19Page - Weidmuller 0290000000 Datasheet HTML 20Page - Weidmuller 0290000000 Datasheet HTML 21Page - Weidmuller 0290000000 Datasheet HTML 22Page - Weidmuller 0290000000 Datasheet HTML 23Page - Weidmuller 0290000000 Datasheet HTML 24Page - Weidmuller 0290000000 Datasheet HTML 25Page - Weidmuller 0290000000 Datasheet HTML 26Page - Weidmuller 0290000000 Datasheet HTML 27Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 52 page
background image
146
Disconnect test terminals
1
) without DLS
2
) with DLS empty
3
) with DLS 1N4007
4
)
When using QB the rated cross-current reduces to max. 2.5 mm2
5
)
With DKT 4 only on upper terminal level
6) As disconnect test terminal rated voltage 250 V
Y
Y
Y
Y
Mounting rails, end brackets, further marking material see “Accessories”
Dimensions/approvals
Width/length/height (mm)
with TS 32 Y
Width/length/height (mm)
with TS 35 x 7.5 W
Insulation stripping length/clamping screw/screwdriver blade
Rated data
Rated voltage/current/cross-section
Rated impulse voltage/pollution severity
Further technical data
Tightening torque range
Nm
Torque setting with electric screwdriver type DMS 2
Clampable conductor
Solid H07V-U
mm2
Stranded H07V-R
mm2
Flexible H07V-K
mm2
Flexible H07V-K and ferrule according to DIN 46 228/1
mm2
With/without plastic insulating collar
mm2
Plug gauge according to 60 947-7-1
Size
Continuous current rating of cross-connection 2…5-pole
A
Continuous current rating of cross-connection 6…10-pole
A
Rated data according to UL/CSA
Voltage/current/conductor size
UL
Voltage/current/conductor size
CSA
Ordering data
Type
KrG
PA
Without diode PA
With diode PA
Blue PA
Orange PA
With 2 StB5)
KrG
With 2 StB5)PA
With 2 StB5)
without diode PA
With 2 StB5)
Blue
End plate (thickness mm)
KrG
PA
Blue PA
Partition (thickness mm)
Cross-connection
QB 4
2-pole
3-pole
4-pole
25-pole
Contact sleeve (spare)
Test plug
Diode plug (spare)
without diode
with diode 1N4007
with diode 1N4007
with jumper
Marking tags
Print
DEK
Standard
W
WW
W
DLS 2
DKT 4
DKT 4/35
DKT 4 V
DKT 4 V/35
SAKR
SAKR/35
SAKR-D
SAKR-D/35
a r #
6.5/42/40.5/54.5 (opened)
6.5/46/38/52
8 mm/M 3/3.5 x 0.6
400 V6)/10 A/4 mm2
6 kV/3
0.5…1.0/0.5 StB
2/1
0.5…4
1.5…4
0.5…4
0.5…4
A 3
(QB 2…25) 10
300 V/10 A/26…12 AWG
300 V/10 A/26…12 AWG
Y
Qty. W
Qty.
0412120000 100
0412160000 100 0172160000100
0412180000100 0172180000100
1461960000100
0412220000100
0412260000100 0183360000100
0412280000100 0183380000100
Type
Cat. No.
Qty.
AP (1.5)
0211320000 20
AP (1.5)
0211360000 20
AP (1.5)
0211380000 20
TW HP (1.0) 0297100000 20
QB 24)
0482700000 100
QB 34)
0482800000 50
QB 44)
0482900000 50
QB 25 blank4) 0134000000 20
PS 2.3
0180400000 20
DEK 6.5
see “Accessories”
6.5/42/40.5/57 (with DLS 2)
6.5/46/38/54.5
8 mm/M 3/3.5 x 0.6
400 V/10 A/4 mm2
6 kV/3
0.5…1.0/0.5 StB
2/1
0.5…4
1.5…4
0.5…4
0.5…4
A 3
(QB 2…25) 10
300 V/10 A/26…12 AWG
300 V/10 A/22…12 AWG
Y
Qty. W
Qty.
04129600001)100 02999600001)50
04130600002)50 01857600002)50
02636600003)50 02995600003)50
05464600001)100
04131600002)50
Type
Cat. No.
Qty.
AP (1.5)
0211360000 20
TW HP (1.0) 0297100000 20
QB 24)
0482700000100
QB 34)
0482800000 50
QB 44)
0482900000 50
QB 25 blank4) 0134000000 20
PS 2.3
0180400000 20
DLS 2
0321060000 50
DLS 2 ) 0630160000 50
DLS 2 ( 0547760000 50
DLS 2
0547660000 25
DEK 6.5
see “Accessories”
a r #
6/65/56.5/70 (opened)
6/65/56.5/70
9 mm/M 3/3.5 x 0.6
400V/10 A/4 mm2
6 kV/3
0.5…1.0/0.5 StB
2/1
0.5…4
1.5…4
0.5…4
0.5…4
A 3
(QB 2…4) 10
300 V/10 A/22…12 AWG
300 V/10 A/26…12 AWG
Y
Qty. W
Qty.
0687360000 50 0687460000 50
0327860000 50 0327960000 50
Type
Cat. No.
Qty.
AP (1.5)
0687560000 20
TW HP (2.0) 0607000000 20
QB 24)
0482700000 100
QB 34)
0482800000 50
QB 44)
0482900000 50
PS 2.3
0180400000 20
DEK 6
see “Accessories”
6/65/56.5/70 (opened)
6/65/56.5/70
9 mm/M 3/3.5 x 0.6
400 V/10 A/4 mm2
6 kV/3
0.5…1.0/0.5 StB
2/1
0.5…4
1.5…4
0.5…4
0.5…4
A 3
(QB 2…4) 10
300 V/10 A/22…12 AWG
300 V/10 A/26…12 AWG
Y
Qty. W
Qty.
1304860000 50 1304960000 50
Type
Cat. No.
Qty.
AP (1.5)
0687560000 20
TW HP (2.0) 0607000000 20
QB 24)
0482700000 100
QB 34)
0482800000 50
QB 44)
0482900000 50
PS 2.3
0180400000 20
DEK 6
see “Accessories”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com