Electronic Components Datasheet Search
  English  ▼

X  

0290000000 Datasheet(PDF) 52 Page - Weidmuller

Part # 0290000000
Description  SAK-series
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

0290000000 Datasheet(HTML) 52 Page - Weidmuller

Back Button 0290000000 Datasheet HTML 44Page - Weidmuller 0290000000 Datasheet HTML 45Page - Weidmuller 0290000000 Datasheet HTML 46Page - Weidmuller 0290000000 Datasheet HTML 47Page - Weidmuller 0290000000 Datasheet HTML 48Page - Weidmuller 0290000000 Datasheet HTML 49Page - Weidmuller 0290000000 Datasheet HTML 50Page - Weidmuller 0290000000 Datasheet HTML 51Page - Weidmuller 0290000000 Datasheet HTML 52Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 52 / 52 page
background image
175
125 V/–/–
Type
Cat. No.
Qty.
0468860000
1
0468960000
1
Type
Cat. No.
Qty.
DSA 1
0576060000 50
125 V/–/–
Type
Cat. No.
Qty.
0467160000
1
0467260000
1
Type
Cat. No.
Qty.
DSA 1
0576060000 50
105 V/–/–
Type
Cat. No.
Qty.
0498960000
1
0499060000
1
with shield pins
Type
Cat. No.
Qty.
DSA 1
0576060000 50
125 V/–/–
Type
Cat. No.
Qty.
0444060000
1
0545960000
1
with shield pins
Type
Cat. No.
Qty.
DSA 1
0576060000 50
Size A
Size B
Type
in mm
in mm
RV 8/8 K
81
40.64
RV 8/9 K
89
40.64
RV 8/8 L
93
40.64
RV 8/9 L
100
40.64
RV 8/20 K
187,62/31.5
63
RV 8/56 K
460/31.5
63
(K = short/L = long)
Cat. No.
RV
a
b
c
0468860000
8/8 L
26
20
200
0468960000
8/8 L
26
26
206
0467160000
8/8 K
26
20
84
0467260000
8/8 K
26
26
89
0119360000
8/20 K
26
20
84
0544460000
8/20 K
26
26
89
0462260000
8/56 K
26
20
84
0533060000
8/56 K
26
26
89
Mounting rails, end brackets, further marking material see “Accessories”
Technical data acc. to VDE
Pin versions (intern)
0.8 x 2.4/1 x 1
0.8 x 2.4/0.8 x 2.4
Plug adapter
1-pole
for connection of solid and flexible conductors from 0.75 to
1.5 mm2 directly on to the pins of the interface system.
RV 8/20 short
RV 8/56 short
125 V~/–/–
Cat. No.
Qty.
0544460000
1
125 V~/–/–
Cat. No.
Qty.
0462260000
1
0533060000
4
Technical data acc. to VDE
Pin versions (internal)
0.8 x 2.4/1 x 1
0.8 x 2.4/0.8 x 2.4
Additional versions on request
RV 8/8 short
RV 8/9 short
RV 8/9 long
Rack-mounted interface systems
RV 8/8 long



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com