Electronic Components Datasheet Search
  English  ▼

X  

LPC3200 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # LPC3200
Description  NXP LPC microcontrollers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC3200 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button LPC3200 Datasheet HTML 4Page - NXP Semiconductors LPC3200 Datasheet HTML 5Page - NXP Semiconductors LPC3200 Datasheet HTML 6Page - NXP Semiconductors LPC3200 Datasheet HTML 7Page - NXP Semiconductors LPC3200 Datasheet HTML 8Page - NXP Semiconductors LPC3200 Datasheet HTML 9Page - NXP Semiconductors LPC3200 Datasheet HTML 10Page - NXP Semiconductors LPC3200 Datasheet HTML 11Page - NXP Semiconductors LPC3200 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8
NXP’s LPC ConnectPlus microcontrollers offer a broad range of interfaces and the bandwidth
for running multiple communication protocols simultaneously. Connect to USB plus CAN plus
Ethernet plus LCD — and more — all at the same time. LPC ConnectPlus products are available
in a wide range of packages, with lots of options for memory and peripherals, and feature
pin-compatibility between cores.
4
Cortex-M3, Cortex-M4, and ARM7-based microcontrollers
4
High integration and low power consumption at up to 120 MHz
4
Best-in-class peripheral support: Ethernet, USB 2.0 Host/OTG/Device, CAN 2.0B
4
Memories up to 512 KB Flash
4
Pin compatibility between cores
LPC ConnectPlus
LPC ConnectPlus common features
Ethernet
MAC
FS USB
host/
device/OTG
CAN
2.0B
32-bit
timers,
PWMs
RTC,
IRC (1%)
I2S
DAC
UARTS,
I2C,
SPIs
LPC175x/6x
LPC177x/178x
LPC407x/8x
LPC23xx
LPC24xx
Frequency (max)
100/120 MHz
120 MHz
120 MHz
72 MHz
72 MHz
Flash
32 to 512 KB
128 to 512 KB
64 to 512 KB
64 to 512 KB
0/512 KB
RAM
8 to 64 KB
40 to 96 KB
24 to 96 KB
34 to 98 KB
82 to 98 KB
EEPROM
2 to 4 KB
2 to 4 KB
ADC
12-bit
12-bit
12-bit
10-bit
10-bit
QEI
•
•
•
SD/MMC
•
•
**
**
USB
•
•
•
•
•
TFT LCD
•
•
•
EMC
•
•
*
•
DSP+FPU
•
Core
Cortex-M3
Cortex-M3
Cortex-M4
ARM7TDMI
ARM7TDMI
* The LPC2388 has an EMC
** The LPC2367/68/78/87/88 and LPC2460/70/58/68/78 have SD/MMC
LPC ConnectPlus lines



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com