Electronic Components Datasheet Search
  English  ▼

X  

LPC3200 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # LPC3200
Description  NXP LPC microcontrollers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC3200 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button LPC3200 Datasheet HTML 11Page - NXP Semiconductors LPC3200 Datasheet HTML 12Page - NXP Semiconductors LPC3200 Datasheet HTML 13Page - NXP Semiconductors LPC3200 Datasheet HTML 14Page - NXP Semiconductors LPC3200 Datasheet HTML 15Page - NXP Semiconductors LPC3200 Datasheet HTML 16Page - NXP Semiconductors LPC3200 Datasheet HTML 17Page - NXP Semiconductors LPC3200 Datasheet HTML 18Page - NXP Semiconductors LPC3200 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
15
ROM
ROM
ROM
ROM
ROM
ROM
ROM
ROM
Special functions in ROM
Putting special functions in ROM helps increase design flexibility, reduce code size, and simplify
development. Options include programming algorithms, API-driven power profiles, USB drivers
and USB-compliant stacks for HID, MS, CDC, and DFU classes, peripheral APIs for CAN that
include extensible code and CANopen drivers, and an optimized divide library that reduces
CPU cycles.
USB 2.0 Host/Device/OTG interface
Nobody gives you more options for fully certified USB functionality. Our USB 2.0 Host/Device/
OTG interface includes DMA support and an on-chip high-speed PHY, and supports all four
transfer types (control, interrupt, bulk, isochronous). Many of our USB-equipped devices are
shipped with the USB device stack and certain class drivers pre-loaded in ROM.
CAN 2.0B interface
We were first to introduce a low-cost entry point for a total Controller Area Network (CAN)
solution. The CAN and CANopen drivers are embedded in ROM, so there’s more Flash memory
for product firmware. The high-performance interface supports bit rates up to 1 Mbit/s and
works with multi-drop and serial communications.
Ethernet interface
This full-featured 10/100 MAC supports TCP/IP hardware checksum verification and uses
DMA hardware acceleration to improve throughput. It includes RMII and MII interfaces and an
external transceiver, and enables low energy consumption with power management features for
remote wake-up frame and magic packet detection.
Quad SPI Flash interface (SPIFI)
SPIFI is a patent-pending interface that lets you take full advantage of small, inexpensive serial
Flash memories, including Quad SPI Flash. It lets external memory appear in the MCU’s memory
map, so it can be read like other on-chip memory. That means you can use a standard MCU and
cost-effective serial Flash to produce high speeds, save board space, and lower system cost.
LCD display interface
Our optimized LCD display interface drives a wide range of displays without loading the CPU.
It provides all the necessary control signals to interface directly with a variety of color and
monochrome LCD panels with up to 1024 x 768 pixels, supports hardware cursor for single-
panel displays, and offers programmable timing options for different display panels.
Serial GPIO (SGPIO)
Combining general-purpose I/O with a timer/shift register, our SGPIO can be used to create or
capture multiple real-time serial data streams. There’s no need for code loops that manipulate
GPIO in real time, or CPU-intensive “bit banging”. For added convenience, SGPIO can also be
configured as extra serial interfaces (UART, I2S, I2C, etc.).
Dual-core (M4/M0) architecture
The LPC4300 series is the first to combine a Cortex-M4 with a Cortex-M0. Having two cores
on one chip lets you separate the processing and real-time control functions while minimizing
PCB space. The M0 core can handle the I/O processing and all the communications functions,
including USB and Ethernet, so the M4 core can focus on executing high-performance
algorithms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com