Electronic Components Datasheet Search
  English  ▼

X  

LPC3200 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # LPC3200
Description  NXP LPC microcontrollers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC3200 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button LPC3200 Datasheet HTML 10Page - NXP Semiconductors LPC3200 Datasheet HTML 11Page - NXP Semiconductors LPC3200 Datasheet HTML 12Page - NXP Semiconductors LPC3200 Datasheet HTML 13Page - NXP Semiconductors LPC3200 Datasheet HTML 14Page - NXP Semiconductors LPC3200 Datasheet HTML 15Page - NXP Semiconductors LPC3200 Datasheet HTML 16Page - NXP Semiconductors LPC3200 Datasheet HTML 17Page - NXP Semiconductors LPC3200 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
14
We start with optimized versions of the basic ARM architectures. Then we add special functional and
peripheral interfaces that simplify design, improve performance, and save power. The result is a set of
features that truly sets us apart.
This section highlights the LPC features available with our Cortex-M devices. For more specific details on
the Cortex-M features, or to see the features available with the LPC devices based on ARM7 and ARM9,
please refer to our product datasheets.
Unique LPC peripherals
For a simpler, faster, more efficient design
LPC Go
LPC Connect
LPC ConnectPlus
LPC ConnectTurbo
LPC features available for Cortex-M devices
SWITCH MATRIX
STATE-CONFIGURABLE TIMER (SCT)
SPECIAL FUNCTIONS IN ROM
USB 2.0 HOST/DEVICE/OTG INTERFACE
CAN 2.0B INTERFACE
ETHERNET INTERFACE
QUAD SPI FLASH INTERFACE (SPIFI)
LCD DISPLAY INTERFACE
SERIAL GPIO (SGPIO)
DUAL-CORE (M4/M0) ARCHITECTURE
ROM
ROM
Switch matrix
The flexible switch matrix enables designers to configure on-chip peripherals any way they
want. Any peripheral can be assigned to any I/O pin — even on the fly. This creates enormous
flexibility in low-pin-count MCUs. What’s more, a GUI-based configuration tool makes it fast
and easy to build new layouts or edit existing ones.
State-configurable timer (SCT)
This patent-pending peripheral, developed by NXP, is a sophisticated yet easy-to-configure
timing function that delivers unprecedented flexibility. The SCT lets you configure a range of
timing operations — including those required for complex motor-control functions — while
meeting tight development schedules.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com