Electronic Components Datasheet Search
  English  ▼

X  

LPC3200 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # LPC3200
Description  NXP LPC microcontrollers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC3200 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button LPC3200 Datasheet HTML 12Page - NXP Semiconductors LPC3200 Datasheet HTML 13Page - NXP Semiconductors LPC3200 Datasheet HTML 14Page - NXP Semiconductors LPC3200 Datasheet HTML 15Page - NXP Semiconductors LPC3200 Datasheet HTML 16Page - NXP Semiconductors LPC3200 Datasheet HTML 17Page - NXP Semiconductors LPC3200 Datasheet HTML 18Page - NXP Semiconductors LPC3200 Datasheet HTML 19Page - NXP Semiconductors LPC3200 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
16
This ground-breaking development platform, created by NXP
exclusively for our LPC Cortex-M microcontrollers, takes you
from evaluation all the way through to production for less than
30 US dollars. LPCXpresso users can evaluate, explore, and
develop within a single, easy-to-use interface while retaining
all the advanced features associated with powerful and
expensive tools.
Designed for simplicity and ease of use, LPCXpresso features
a powerful Eclipse-based IDE with a customized interface.
Also included are an optimizing compiler with libraries, an
LPC-Link JTAG-SWD debug probe, and target boards. Linux
and Mac OS X versions are also available. In total, more than
50,000 LPCXpresso boards have already shipped.
LPC design tools
Easy, low-cost ways to evaluate, explore, and develop
Our entire Cortex-M portfolio works with a single MCU toolchain, so you can use a familiar set of
tools no matter what product or architecture you choose. Plus, because we offer such an extensive
range of options — including dedicated tools specially designed for LPC devices — you can be
certain you’ll always be working with the best.
HS USB Interface
LPCXpresso
powered by
-M3
-M0
-M0+
LPC1100
LPC11C00
LPC11U00
LPC1200
LPC1300
LPC1700
LPC800
The LPCXpresso development board
LPCXpresso: NXP’s unique, low-cost toolchain
LPCXpresso features
4
End-to-end tool for less than
US$30
4
Eclipse-based IDE using very
low-cost target boards
4
Target boards come with an
integrated JTAG debugger
(no need for a separate debug
probe)
4
Easy upgrade options to
full-blown suites (from Code
Red) and hardware kits (from
Embedded Artists)
www.nxp.com/lpcxpresso



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com