Electronic Components Datasheet Search
  English  ▼

X  

WM8904 Datasheet(PDF) 49 Page - Wolfson Microelectronics plc

Part # WM8904
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8904 Datasheet(HTML) 49 Page - Wolfson Microelectronics plc

Back Button WM8904 Datasheet HTML 45Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 46Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 47Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 48Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 49Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 50Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 51Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 52Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 53Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 188 page
background image
Pre-Production
WM8904
w
PP, Rev 3.3, September 2012
49
ANALOGUE-TO-DIGITAL CONVERTER (ADC)
The WM8904 uses stereo 24-bit, 128x oversampled sigma-delta ADCs. The use of multi-bit feedback
and high oversampling rates reduces the effects of jitter and high frequency noise. An oversample
rate of 64x can also be supported - see “Clocking and Sample Rates” for details. The ADC full scale
input level is proportional to AVDD - see “Electrical Characteristics”. Any input signal greater than full
scale may overload the ADC and cause distortion.
The ADCs are enabled by the ADCL_ENA and ADCR_ENA register bits.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R18 (12h)
Power
Management (6)
1
ADCL_ENA
0
Left ADC Enable
0 = ADC disabled
1 = ADC enabled
0
ADCR_ENA
0
Right ADC Enable
0 = ADC disabled
1 = ADC enabled
Table 9 ADC Enable Control
ADC DIGITAL VOLUME CONTROL
The output of the ADCs can be digitally amplified or attenuated over a range from -71.625dB to
+17.625dB in 0.375dB steps. The volume of each channel can be controlled separately. The gain for
a given eight-bit code is detailed in Table 11.
The ADC_VU bit controls the loading of digital volume control data. When ADC_VU is set to 0, the
ADCL_VOL or ADCR_VOL control data will be loaded into the respective control register, but will not
actually change the digital gain setting. Both left and right gain settings are updated when a 1 is
written to ADC_VU. This makes it possible to update the gain of both channels simultaneously.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R36 (24h)
ADC Digital
Volume Left
8
ADC_VU
0
ADC Volume Update
Writing a 1 to this bit will cause left
and right ADC volume to be updated
simultaneously
7:0
ADCL_VOL
[7:0]
1100_0000
(0dB)
Left ADC Digital Volume
00h = Mute
01h = -71.625dB
02h = -71.250dB
… (0.375dB steps)
C0h = 0dB
… (0.375dB steps)
EFh to FFh = +17.625dB
(See Table 11 for volume range)
R37 (25h)
ADC Digital
Volume Right
8
ADC_VU
0
ADC Volume Update
Writing a 1 to this bit will cause left
and right ADC volume to be updated
simultaneously
7:0
ADCR_VOL
[7:0]
1100_0000
(0dB)
Right ADC Digital Volume
00h = Mute
01h = -71.625dB
02h = -71.250dB
… (0.375dB steps)
C0h = 0dB
… (0.375dB steps)
EFh to FFh = +17.625dB
(See Table 11 for volume range)
Table 10 ADC Digital Volume Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com