Electronic Components Datasheet Search
  English  ▼

X  

WM8904 Datasheet(PDF) 28 Page - Wolfson Microelectronics plc

Part # WM8904
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8904 Datasheet(HTML) 28 Page - Wolfson Microelectronics plc

Back Button WM8904 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 32Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 188 page
background image
WM8904
Pre-Production
w
PP, Rev 3.3, September 2012
28
TDM MODE
In TDM mode, it is important that two ADC devices do not attempt to drive the ADCDAT pin
simultaneously. The timing of the WM8904 ADCDAT tri-stating at the start and end of the data
transmission is described below.
Figure 4 Audio Interface Timing - TDM Mode
Test Conditions
AVDD = CPVDD = 1.8V , DGND=AGND=CPGND= =0V, TA = +25
oC, Master Mode, fs=48kHz, MCLK=256fs, 24-bit data, unless
otherwise stated.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Audio Data Timing Information
ADCDAT setup time from BCLK falling edge
DCVDD =2.0V
DBVDD =
3.6V
5
ns
DCVDD =
1.08V DBVDD
= 1.62V
15
ns
ADCDAT release time from BCLK falling edge
DCVDD =
2.0V DBVDD
= 3.6V
5
ns
DCVDD =
1.08V DBVDD
= 1.62V
15
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com