Electronic Components Datasheet Search
  English  ▼

X  

WM8904 Datasheet(PDF) 55 Page - Wolfson Microelectronics plc

Part # WM8904
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8904 Datasheet(HTML) 55 Page - Wolfson Microelectronics plc

Back Button WM8904 Datasheet HTML 51Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 52Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 53Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 54Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 55Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 56Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 57Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 58Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 59Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 188 page
background image
Pre-Production
WM8904
w
PP, Rev 3.3, September 2012
55
GAIN LIMITS
The minimum and maximum gain applied by the DRC is set by register fields DRC_MINGAIN and
DRC_MAXGAIN. These limits can be used to alter the DRC response from that illustrated in Figure
29. If the range between maximum and minimum gain is reduced, then the extent of the dynamic
range control is reduced. The maximum gain prevents quiet signals (or silence) from being
excessively amplified.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R41 (29h)
DRC Control 1
3:2
DRC_MINGAIN [1:0]
10
Minimum gain the DRC can use
to attenuate audio signals
00 = 0dB (default)
01 = -6dB
10 = -12dB
11 = -18dB
1:0
DRC_MAXGAIN
[1:0]
00
Maximum gain the DRC can use
to boost audio signals
00 = 12dB
01 = 18dB (default)
10 = 24dB
11 = 36dB
Table 17 DRC Gain Limits
DYNAMIC CHARACTERISTICS
The dynamic behaviour determines how quickly the DRC responds to changing signal levels. Note
that the DRC responds to the average (RMS) signal amplitude over a period of time.
DRC_ATK determines how quickly the DRC gain decreases when the signal amplitude is high.
DRC_DCY determines how quickly the DRC gain increases when the signal amplitude is low.
These register fields are described in Table 18. Note that the register defaults are suitable for general
purpose microphone use.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R41 (29h)
DRC Control 1
15:12
DRC_ATK [3:0]
0011
Gain attack rate (seconds/6dB)
0000 = Reserved
0001 = 182µs
0010 = 363µs
0011 = 726µs (default)
0100 = 1.45ms
0101 = 2.9ms
0110 = 5.8ms
0111 = 11.6ms
1000 = 23.2ms
1001 = 46.4ms
1010 = 92.8ms
1011-1111 = Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com