Electronic Components Datasheet Search
  English  ▼

X  

WM8904 Datasheet(PDF) 30 Page - Wolfson Microelectronics plc

Part # WM8904
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8904 Datasheet(HTML) 30 Page - Wolfson Microelectronics plc

Back Button WM8904 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 34Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 188 page
background image
WM8904
Pre-Production
w
PP, Rev 3.3, September 2012
30
DIGITAL FILTER CHARACTERISTICS
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ADC Filter
Passband
+/- 0.05dB
0
0.454 fs
-6dB
0.5 fs
Passband Ripple
+/- 0.05
dB
Stopband
0.546s
Stopband Attenuation
f > 0.546 fs
-60
dB
DAC Normal Filter
Passband
+/- 0.05dB
0
0.454 fs
-6dB
0.5 fs
Passband Ripple
0.454 fs
+/- 0.03
dB
Stopband
0.546 fs
Stopband Attenuation
F > 0.546 fs
-50
dB
DAC Sloping Stopband Filter
Passband
+/- 0.03dB
0
0.25 fs
+/- 1dB
0.25 fs
0.454 fs
-6dB
0.5 fs
Passband Ripple
0.25 fs
+/- 0.03
dB
Stopband 1
0.546 fs
0.7 fs
Stopband 1 Attenuation
f > 0.546 fs
-60
dB
Stopband 2
0.7 fs
1.4 fs
Stopband 2 Attenuation
f > 0.7 fs
-85
dB
Stopband 3
1.4 fs
Stopband 3 Attenuation
F > 1.4 fs
-55
dB
DAC FILTERS
ADC FILTERS
Mode
Group Delay
Mode
Group Delay
Normal
16.5 / fs
Normal
16.5 / fs
Sloping Stopband
18 / fs
TERMINOLOGY
1.
Stop Band Attenuation (dB) – the degree to which the frequency spectrum is attenuated (outside audio band)
2.
Pass-band Ripple – any variation of the frequency response in the pass-band region



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com