Electronic Components Datasheet Search
  English  ▼

X  

WM8912 Datasheet(PDF) 115 Page - Wolfson Microelectronics plc

Part # WM8912
Description  Ultra Low Power DAC with Headphone Driver for Portable Audio Applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8912 Datasheet(HTML) 115 Page - Wolfson Microelectronics plc

Back Button WM8912 Datasheet HTML 111Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 112Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 113Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 114Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 115Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 116Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 117Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 118Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 119Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 128 page
background image
Production Data
WM8912
w
PD, Rev 4.0, September 2010
115
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R110 (6Eh)
Write
Sequencer 2
14
WSEQ_EOS
0
End of Sequence flag. This bit indicates whether the
Control Write Sequencer should stop after executing
this step.
0 = Not end of sequence
1 = End of sequence (Stop the sequencer after this
step).
11:8
WSEQ_DELAY
[3:0]
0000
Time delay after executing this step.
Total delay time per step (including execution)=
62.5μs × (2^WSEQ_DELAY + 8)
7:0
WSEQ_DATA
[7:0]
0000_0000 Data to be written in this sequence step. When the data
width is less than 8 bits, then one or more of the MSBs
of WSEQ_DATA are ignored. It is recommended that
unused bits be set to 0.
Register 6Eh Write Sequencer 2
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R111 (6Fh)
Write
Sequencer 3
9
WSEQ_ABOR
T
0
Writing a 1 to this bit aborts the current sequence and
returns control of the device back to the serial control
interface.
8
WSEQ_START
0
Writing a 1 to this bit starts the write sequencer at the
memory location indicated by the
WSEQ_START_INDEX field. The sequence continues
until it reaches an “End of sequence” flag. At the end of
the sequence, this bit will be reset by the Write
Sequencer.
5:0
WSEQ_START
_INDEX [5:0]
00_0000
Sequence Start Index. This is the memory location of
the first command in the selected sequence.
0 to 31 = RAM addresses
32 to 48 = ROM addresses
49 to 63 = Reserved
Register 6Fh Write Sequencer 3
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R112 (70h)
Write
Sequencer 4
9:4
WSEQ_CURR
ENT_INDEX
[5:0]
00_0000
Sequence Current Index (read only):
This is the location of the most recently accessed
command in the write sequencer memory.
0
WSEQ_BUSY
0
Sequencer Busy flag (read only):
0 = Sequencer idle
1 = Sequencer busy
Note: it is not possible to write to control registers via
the control interface while the Sequencer is Busy.
Register 70h Write Sequencer 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com