Electronic Components Datasheet Search
  English  ▼

X  

WM8912 Datasheet(PDF) 118 Page - Wolfson Microelectronics plc

Part # WM8912
Description  Ultra Low Power DAC with Headphone Driver for Portable Audio Applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8912 Datasheet(HTML) 118 Page - Wolfson Microelectronics plc

Back Button WM8912 Datasheet HTML 114Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 115Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 116Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 117Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 118Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 119Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 120Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 121Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 122Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 128 page
background image
WM8912
Production Data
w
PD, Rev 4.0, September 2010
118
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R121 (79h)
GPIO
Control 1
5
GPIO1_PU
0
GPIO1 pull-up resistor enable
0 = pull-up disabled
1 = pull-up enabled
4
GPIO1_PD
1
GPIO1 pull-down resistor enable
0 = pull-down disabled
1 = pull-down enabled
3:0
GPIO1_SEL
[3:0]
0100
GPIO1 Function Select
0000 = GPIO input
0001 = Clock output (f=SYSCLK/OPCLKDIV)
0010 = Logic '0' output
0011 = Logic '1' output
0100 = IRQ output (default)
0101 = FLL Lock output
0110 = Reserved
0111 = Reserved
1000 = Reserved
1001 = FLL Clock output
1010 to 1111 = Reserved
Register 79h GPIO Control 1
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R124 (7Ch)
GPIO
Control 4
7
GPIO_BCLK_
MODE_ENA
0
Selects BCLK/GPIO4 pin function
0 = BCLK/GPIO4 is used as BCLK
1 = BCLK/GPIO4 is used as GPIO. MCLK provides the
BCLK in the AIF in this mode.
3:0
GPIO_BCLK_S
EL [3:0]
0000
BCLK/GPIO4 function select:
0000 = GPIO input (default)
0001 = Clock output (f=SYSCLK/OPCLKDIV)
0010 = Logic '0' output
0011 = Logic '1' output
0100 = IRQ output
0101 = FLL Lock output
0110 = Reserved
0111 = Reserved
1000 = Reserved
1001 = FLL Clock output
1010 to 1111 = Reserved
Register 7Ch GPIO Control 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com