Electronic Components Datasheet Search
  English  ▼

X  

WM8948 Datasheet(PDF) 122 Page - Wolfson Microelectronics plc

Part # WM8948
Description  Stereo Low-Power CODEC with Video Buffer and Touch Panel Controller
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8948 Datasheet(HTML) 122 Page - Wolfson Microelectronics plc

Back Button WM8948 Datasheet HTML 118Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 119Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 120Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 121Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 122Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 123Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 124Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 125Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 126Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 189 page
background image
WM8948
Production Data
w
PD, May 2011, Rev 4.1
122
REGISTER BITS BY ADDRESS
The complete register map is shown below. The detailed description can be found in the relevant text of the device
description.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R0 (00h)
Software
Reset/Chip
ID 1
15:0
SW_RESET
[15:0]
0110_0010
_0010_100
1
Writing to this register resets all registers to their
default state.
Reading from this register will indicate device family ID
6229h.
Register 00h Software Reset/Chip ID 1
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R1 (01h)
Chip ID 2
3:0
CHIP_REV[3:0]
0000
Reading from this register will indicate the Revision ID.
Register 01h Chip ID 2
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R2 (02h)
Power
management
1
13
INPPGAR_EN
A
0
Right Input PGA Enable
0 = Disabled
1 = Enabled
12
INPPGAL_ENA
0
Left Input PGA Enable
0 = Disabled
1 = Enabled
11
ADCR_ENA
0
Right ADC Enable
0 = Disabled
1 = Enabled
ADCR_ENA must be set to 1 when processing right
channel data from the ADC or Digital Microphone.
10
ADCL_ENA
0
Left ADC Enable
0 = Disabled
1 = Enabled
ADCL_ENA must be set to 1 when processing left
channel data from the ADC or Digital Microphone.
7
DMIC_ENA
0
Enables Digital Microphone mode
0 = Audio DSP input is from ADC
1 = Audio DSP input is from digital microphone
interface
When DMIC_ENA = 0, the Digital microphone clock
(DMICCLK) is held low.
4
MICB_ENA
0
Microphone Bias Enable
0 = Disabled
1 = Enabled
3
BIAS_ENA
0
Master Bias Enable
0 = Disabled
1 = Enabled
2
VMID_BUF_EN
A
0
VMID Buffer Enable.
(The buffered VMID may be applied to disabled input
and output pins.)
0 = Disabled
1 = Enabled
1:0
VMID_SEL[1:0]
00
VMID Divider Enable and Select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com