Electronic Components Datasheet Search
  English  ▼

X  

WM8948 Datasheet(PDF) 125 Page - Wolfson Microelectronics plc

Part # WM8948
Description  Stereo Low-Power CODEC with Video Buffer and Touch Panel Controller
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8948 Datasheet(HTML) 125 Page - Wolfson Microelectronics plc

Back Button WM8948 Datasheet HTML 121Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 122Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 123Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 124Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 125Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 126Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 127Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 128Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 129Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 189 page
background image
Production Data
WM8948
w
PD, May 2011, Rev 4.1
125
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
4
LRCLK_INV
0
LRCLK Polarity / DSP Mode A-B select.
Right, left and I2S modes – LRCLK polarity
0 = Not Inverted
1 = Inverted
DSP Mode – Mode A-B select
0 = MSB is available on 2nd BCLK rising edge after
LRCLK rising edge (mode A)
1 = MSB is available on 1st BCLK rising edge after
LRCLK rising edge (mode B)
3:2
WL[1:0]
10
Digital Audio Interface Word Length
00 = 16 bits
01 = 20 bits
10 = 24 bits
11 = 32 bits
Note - see “Companding” for the selection of 8-bit
mode.
1:0
FMT[1:0]
10
Digital Audio Interface Format
00 = Reserved
01 = Left Justified
10 = I2S format
11 = DSP/PCM mode
Register 04h Audio Interface
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R5 (05h)
Companding
control
5
LOOPBACK
0
Digital Loopback Function
0 = No loopback
1 = Loopback enabled (ADC data output is directly
input to DAC data input).
3
DAC_COMP
0
DAC Companding Enable
0 = Disabled
1 = Enabled
2
DAC_COMPM
ODE
0
DAC Companding Mode
0 = μ-law
1 = A-law
1
ADC_COMP
0
ADC Companding Enable
0 = Disabled
1 = Enabled
0
ADC_COMPM
ODE
0
ADC Companding Mode
0 = μ-law
1 = A-law
Register 05h Companding control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com