Electronic Components Datasheet Search
  English  ▼

X  

WM8948 Datasheet(PDF) 128 Page - Wolfson Microelectronics plc

Part # WM8948
Description  Stereo Low-Power CODEC with Video Buffer and Touch Panel Controller
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8948 Datasheet(HTML) 128 Page - Wolfson Microelectronics plc

Back Button WM8948 Datasheet HTML 124Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 125Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 126Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 127Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 128Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 129Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 130Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 131Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 132Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 189 page
background image
WM8948
Production Data
w
PD, May 2011, Rev 4.1
128
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R8 (08h)
FLL Control
1
12:11
FLL_CLK_REF
_DIV[1:0]
00
FLL Clock Reference Divider
00 = MCLK / 1
01 = MCLK / 2
10 = MCLK / 4
11 = MCLK / 8
MCLK (or other input reference) must be divided down
to <=13.5MHz.
For lower power operation, the reference clock can be
divided down further if desired.
10:8
FLL_OUTDIV
[2:0]
001
FOUT clock divider
000 = 2
001 = 4
010 = 8
011 = 16
100 = 32
101 = 64
110 = 128
111 = 256
(FOUT = FVCO / FLL_OUTDIV)
7:5
FLL_CTRL_RA
TE[2:0]
000
Frequency of the FLL control block
000 = FVCO / 1 (Recommended value)
001 = FVCO / 2
010 = FVCO / 3
011 = FVCO / 4
100 = FVCO / 5
101 = FVCO / 6
110 = FVCO / 7
111 = FVCO / 8
Recommended that this register is not changed from
default.
4:2
FLL_FRATIO
[2:0]
000
FVCO clock divider
000 = 1
001 = 2
010 = 4
011 = 8
1XX = 16
000 recommended for FREF > 1MHz
100 recommended for FREF < 16kHz
011 recommended for all other cases
1
FLL_FRAC
1
Fractional enable
0 = Integer Mode
1 = Fractional Mode
Integer mode offers reduced power consumption.
Fractional mode offers best FLL performance, provided
also that N.K is a non-integer value.
0
FLL_ENA
0
FLL Enable
0 = Disabled
1 = Enabled
Register 08h FLL Control 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com