Electronic Components Datasheet Search
  English  ▼

X  

WM9093 Datasheet(PDF) 49 Page - Wolfson Microelectronics plc

Part # WM9093
Description  Ultra Low Power Audio Subsystem
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9093 Datasheet(HTML) 49 Page - Wolfson Microelectronics plc

Back Button WM9093 Datasheet HTML 45Page - Wolfson Microelectronics plc WM9093 Datasheet HTML 46Page - Wolfson Microelectronics plc WM9093 Datasheet HTML 47Page - Wolfson Microelectronics plc WM9093 Datasheet HTML 48Page - Wolfson Microelectronics plc WM9093 Datasheet HTML 49Page - Wolfson Microelectronics plc WM9093 Datasheet HTML 50Page - Wolfson Microelectronics plc WM9093 Datasheet HTML 51Page - Wolfson Microelectronics plc WM9093 Datasheet HTML 52Page - Wolfson Microelectronics plc WM9093 Datasheet HTML 53Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 84 page
background image
Production Data
WM9093
w
PD, March 2012, Rev 4.2
49
CHARGE PUMP
The WM9093 incorporates a dual-mode Charge Pump which generates the supply rails for the
headphone output drivers, HPOUT1L and HPOUT1R. The Charge Pump has a single supply input,
HPVDD, and generates split rails CPVDD and CPVSS according to the selected mode of operation.
The Charge Pump connections are illustrated in Figure 15 (see “Electrical Characteristics” for external
component values). An input decoupling capacitor may also be required at HPVDD, depending upon
the system configuration.
HPVDD
WM9093
Charge Pump
CPVDD
CPVSS
CP
CN
GND
Figure 15 Charge Pump External Connections
The Charge Pump is enabled by setting the CP_ENA bit. When enabled, the charge pump adjusts the
output voltages (CPVDD and CPVSS) as well as the switching frequency in order to optimise the
power consumption according to the operating conditions.
The Charge Pump mode of operation is selected automatically according to the HPOUT1L_VOL and
HPOUT1R_VOL register settings.
Under the recommended usage conditions of the WM9093, the Charge Pump will be enabled by
running the default headphone Start-Up sequence as described in the “Control Write Sequencer”
section. (Similarly, it will be disabled by running the Shut-Down sequence.) In these cases, the user
does not need to write to the CP_ENA bit.
Note that the charge pump clock is derived from internal clock CLK_SYS which must be enabled by
setting OSC_ENA (see “Clocking Control”). The clock division from CLK_SYS is handled
transparently by the WM9093 without user intervention.
The CP_ENA register bit is defined in Table 27.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R76 (4Ch)
Charge Pump
1
15
CP_ENA
0
Charge Pump Control
0 = Disabled
1 = Enabled
Table 27 Charge Pump Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com