Electronic Components Datasheet Search
  English  ▼

X  

WM9093 Datasheet(PDF) 30 Page - Wolfson Microelectronics plc

Part # WM9093
Description  Ultra Low Power Audio Subsystem
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9093 Datasheet(HTML) 30 Page - Wolfson Microelectronics plc

Back Button WM9093 Datasheet HTML 26Page - Wolfson Microelectronics plc WM9093 Datasheet HTML 27Page - Wolfson Microelectronics plc WM9093 Datasheet HTML 28Page - Wolfson Microelectronics plc WM9093 Datasheet HTML 29Page - Wolfson Microelectronics plc WM9093 Datasheet HTML 30Page - Wolfson Microelectronics plc WM9093 Datasheet HTML 31Page - Wolfson Microelectronics plc WM9093 Datasheet HTML 32Page - Wolfson Microelectronics plc WM9093 Datasheet HTML 33Page - Wolfson Microelectronics plc WM9093 Datasheet HTML 34Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 84 page
background image
WM9093
Production Data
w
PD, March 2012, Rev 4.2
30
The headroom threshold at which the AGC will apply attenuation is set using the AGC_CLIP_THR
register. Values in the range -200mV to 800mV can be selected. When the signal headroom is
300mV, the distortion (THD) is approximately 1%. Therefore, if the anti-clip threshold is set to 300mV,
then the AGC would aim to limit the distortion to be no worse than 1% under maximum signal
conditions. Selecting a larger headroom threshold will avoid clipping across a wider range of
operating conditions.
When the AGC applies signal attenuation triggered by the anti-clip threshold, the signal gain is
reduced at a rate that is set by the AGC_CLIP_ATK register. When the anti-clip threshold is no longer
met (due to the signal level reduction), then the AGC increases the signal gain at a rate set by the
AGC_CLIP_DCY register.
Note that, when the anti-clip and power limiting thresholds are both triggered concurrently, then the
signal gain is reduced at the rate set by the AGC_CLIP_ATK register and is increased at the rate set
by AGC_PWR_DCY. These fields are defined in Table 13 and Table 14 respectively.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R98 (62h)
AGC Control
0
15
AGC_CLIP_ENA
1
Enable AGC Anti-Clip Mode
0 = Disabled
1 = Enabled
11:8
AGC_CLIP_THR [3:0]
0110
AGC Anti-Clip Threshold
Sets the headroom between
SPKPGA output and SVDD at
which Anti-Clip limiting will be
applied
0000 = -200mV
0001 = -150mV
0010 = -100mV
0011 = -50mV
0100 = 0mV
0101 = 50mV
0110 = 100mV
0111 = 150mV
1000 = 200mV
1001 = 250mV
1010 = 300mV
1011 = 400mV
1100 = 500mV
1101 = 600mV
1110 = 700mV
1111 = 800mV
6:4
AGC_CLIP_ATK [2:0]
100
AGC Anti-Clip Attack Rate
Sets the rate of AGC gain reduction
when clipping is detected
000 = 0.6ms/6dB
001 = 5.4ms/6dB
010 = 10.2ms/6dB
011 = 15.0ms/6dB
100 = 19.8ms/6dB
101 = 24.6ms/6dB
110 = 29.4ms/6dB
111 = 34.1ms/6dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com