Electronic Components Datasheet Search
  English  ▼

X  

WM9093 Datasheet(PDF) 23 Page - Wolfson Microelectronics plc

Part # WM9093
Description  Ultra Low Power Audio Subsystem
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9093 Datasheet(HTML) 23 Page - Wolfson Microelectronics plc

Back Button WM9093 Datasheet HTML 19Page - Wolfson Microelectronics plc WM9093 Datasheet HTML 20Page - Wolfson Microelectronics plc WM9093 Datasheet HTML 21Page - Wolfson Microelectronics plc WM9093 Datasheet HTML 22Page - Wolfson Microelectronics plc WM9093 Datasheet HTML 23Page - Wolfson Microelectronics plc WM9093 Datasheet HTML 24Page - Wolfson Microelectronics plc WM9093 Datasheet HTML 25Page - Wolfson Microelectronics plc WM9093 Datasheet HTML 26Page - Wolfson Microelectronics plc WM9093 Datasheet HTML 27Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 84 page
background image
Production Data
WM9093
w
PD, March 2012, Rev 4.2
23
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R54 (36h)
Speaker Mixer
6
IN1A_TO_SPKMIX
0
IN1A to SPKMIX enable
0 = Disabled
1 = Enabled
4
IN1B_TO_SPKMIX
0
IN1B to SPKMIX enable
0 = Disabled
1 = Enabled
2
IN2A_TO_SPKMIX
0
IN2A to SPKMIX enable
0 = Disabled
1 = Enabled
0
IN2B_TO_SPKMIX
0
IN2B to SPKMIX enable
0 = Disabled
1 = Enabled
R34 (22h)
SPKMIXL
Attenuation
8
SPKMIX_MUTE
1
SPKMIX Output mute
0 = Un-Mute
1 = Mute
7:6
IN1A_SPKMIX_VOL
00
IN1A to SPKMIX volume control
00 = 0dB
01 = -6dB
10 = -9dB
11 = -12dB
5:4
IN1B_SPKMIX_VOL
00
IN1B to SPKMIX volume control
00 = 0dB
01 = -6dB
10 = -9dB
11 = -12dB
3:2
IN2A_SPKMIX_VOL
00
IN2A to SPKMIX volume control
00 = 0dB
01 = -6dB
10 = -9dB
11 = -12dB
1:0
IN2B_SPKMIX_VOL
[1:0]
00
IN2B to SPKMIX volume control
00 = 0dB
01 = -6dB
10 = -9dB
11 = -12dB
Table 5 Speaker Mixer (SPKMIX) Control
SPEAKER OUTPUT VOLUME CONTROL
The speaker output PGA controls are shown in Table 6.
Note that the Speaker Output PGA is bypassed when the ‘Voice Bypass’ path is selected as the
speaker output source, as described in the following section (“Speaker Boost Mixer Control”). In this
case, the SPKMIX mixer and the Speaker Output PGA can be disabled, providing a low-power signal
path for ‘Voice Bypass’ applications.
A zero-cross function is provided on the speaker output PGA. Note that the timeout clock TOCLK
must be enabled when using the zero-cross function. See “Clocking Control” for more information on
the TOCLK control fields.
The SPKOUT_VU bit controls the loading of the speaker PGA volume data. This bit should be set to
1 whenever the SPKOUTL_VOL register is updated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com