Electronic Components Datasheet Search
  English  ▼

X  

WM9093 Datasheet(PDF) 22 Page - Wolfson Microelectronics plc

Part # WM9093
Description  Ultra Low Power Audio Subsystem
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9093 Datasheet(HTML) 22 Page - Wolfson Microelectronics plc

Back Button WM9093 Datasheet HTML 18Page - Wolfson Microelectronics plc WM9093 Datasheet HTML 19Page - Wolfson Microelectronics plc WM9093 Datasheet HTML 20Page - Wolfson Microelectronics plc WM9093 Datasheet HTML 21Page - Wolfson Microelectronics plc WM9093 Datasheet HTML 22Page - Wolfson Microelectronics plc WM9093 Datasheet HTML 23Page - Wolfson Microelectronics plc WM9093 Datasheet HTML 24Page - Wolfson Microelectronics plc WM9093 Datasheet HTML 25Page - Wolfson Microelectronics plc WM9093 Datasheet HTML 26Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 84 page
background image
WM9093
Production Data
w
PD, March 2012, Rev 4.2
22
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1 (01h)
Power
Management
(1)
12
SPKOUTL_ENA
0
Speaker Output Enable
0 = Disabled
1 = Enabled
9
HPOUT1L_ENA
0
Headphone Output (HPL) input
stage enable
0 = Disabled
1 = Enabled
8
HPOUT1R_ENA
0
Headphone Output (HPR) input
stage enable
0 = Disabled
1 = Enabled
R3 (03h)
Power
Management
(3)
8
SPKLVOL_ENA
0
Speaker PGA Enable
0 = Disabled
1 = Enabled
5
MIXOUTL_ENA
0
MIXOUTL Headphone Mixer Enable
0 = Disabled
1 = Enabled
4
MIXOUTR_ENA
0
MIXOUTR Headphone Mixer
Enable
0 = Disabled
1 = Enabled
3
SPKMIX_ENA
0
SPKMIX Speaker Mixer Enable
0 = Disabled
1 = Enabled
Table 4 Output Signal Paths Enable
SPEAKER MIXER CONTROL
The signal path configuration registers for the Speaker Mixer are described in Table 5. Each of the
input PGAs IN1A, IN1B, IN2A and IN2B is independently selectable as an input to the Speaker Mixer.
Care should be taken when enabling more than one path to a Speaker Mixer in order to avoid
clipping. The gain of each input path is adjustable using a selectable volume control in each path to
facilitate this.
The Speaker Mixer output can be muted or enabled using the SPKMIX_MUTE register bit. The
Speaker Mixer volume is also controlled by the Speaker Output PGA, as defined in Table 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com