Electronic Components Datasheet Search
  English  ▼

X  

RT2516 Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT2516
Description  2A, Low Input Voltage, Ultra-Low Dropout LDO Regulator with Enable
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT2516 Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT2516 Datasheet HTML 1Page - Richtek Technology Corporation RT2516 Datasheet HTML 2Page - Richtek Technology Corporation RT2516 Datasheet HTML 3Page - Richtek Technology Corporation RT2516 Datasheet HTML 4Page - Richtek Technology Corporation RT2516 Datasheet HTML 5Page - Richtek Technology Corporation RT2516 Datasheet HTML 6Page - Richtek Technology Corporation RT2516 Datasheet HTML 7Page - Richtek Technology Corporation RT2516 Datasheet HTML 8Page - Richtek Technology Corporation RT2516 Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
RT2516
4
DS2516-01
July 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Note 1. Stresses beyond those listed
“Absolute Maximum Ratings” may cause permanent damage to the device. These are
stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in
the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions may
affect device reliability.
Note 2.
θJA is measured at TA = 25°C on a high effective thermal conductivity four-layer test board per JEDEC 51-7. θJC is
measured at the exposed pad of the package.
Note 3. Devices are ESD sensitive. Handling precaution is recommended.
Note 4. The device is not guaranteed to function outside its operating conditions.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Feedback
VIN = 3.3V, VADJ = VOUT,
IOUT = 10mA, TA = 25°C
0.495
--
0.505
ADJ
Reference Voltage
VADJ
VIN = 3.3V, VADJ = VOUT,
IOUT = 10mA
0.49
--
0.51
V
ADJ Pin Current
IADJ
VADJ = 0.5V
--
20
200
nA
Enable
EN Pin Current
IEN
VEN = 0V, VIN = 6V
--
1
10
μA
Logic-High
VIH
VIN = 3.3V
1.6
--
--
EN Threshold
Voltage
Logic-Low
VIL
VIN = 3.3V
--
--
0.4
V
Over Temperature Protection
OTP Trip Level
--
160
--
°C
Hysteresis
--
30
--
°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com