Electronic Components Datasheet Search
  English  ▼

X  

RT2516 Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT2516
Description  2A, Low Input Voltage, Ultra-Low Dropout LDO Regulator with Enable
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT2516 Datasheet(HTML) 7 Page - Richtek Technology Corporation

  RT2516 Datasheet HTML 1Page - Richtek Technology Corporation RT2516 Datasheet HTML 2Page - Richtek Technology Corporation RT2516 Datasheet HTML 3Page - Richtek Technology Corporation RT2516 Datasheet HTML 4Page - Richtek Technology Corporation RT2516 Datasheet HTML 5Page - Richtek Technology Corporation RT2516 Datasheet HTML 6Page - Richtek Technology Corporation RT2516 Datasheet HTML 7Page - Richtek Technology Corporation RT2516 Datasheet HTML 8Page - Richtek Technology Corporation RT2516 Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
RT2516
7
DS2516-01
July 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Application Information
The RT2516 is a low voltage, low dropout linear regulator
with an external bias supply input capable of supporting
an input voltage range from 1.4V to 6V with a fixed output
voltage from 1V to 2V in 0.1V increments.
Output Voltage Setting
The RT2516 output voltage is adjustable from 1.4V to 6V
via the external resistive voltage divider. The voltage divider
resistors can have values of up to 800k
Ω because of the
very high impedance and low bias current of the sense
comparator. The output voltage is set according to the
following equation :
OUT
ADJ
R1
V
= V
1+
R2
⎛⎞
×⎜⎟
⎝⎠
where VADJ is the reference voltage with a typical value of
0.5V.
Chip Enable Operation
The RT2516 goes into sleep mode when the EN pin is in
a logic low condition. In this condition, the pass transistor,
error amplifier, and band gap are all turned off, reducing
the supply current to only 10
μA (max.). The EN pin can
be directly tied to VIN to keep the part on.
Current Limit
The RT2516 contains an independent current limit circuitry,
which monitors and controls the pass transistor's gate
voltage, limiting the output current to 3A (typ.).
CIN and COUT Selection
Like any low dropout regulator, the external capacitors of
the RT2516 must be carefully selected for regulator stability
and performance. Using a capacitor of at least 10
μF is
suitable. The input capacitor must be located at a distance
of not more than 0.5 inch from the input pin of the IC. Any
good quality ceramic capacitor can be used. However, a
capacitor with larger value and lower ESR (Equivalent
Series Resistance) is recommended since it will provide
better PSRR and line transient response.
The RT2516 is designed specifically to work with low ESR
ceramic output capacitor for space saving and performance
consideration. Using a ceramic capacitor with capacitance
of at least 10
μF and ESR larger than 1mΩ on the RT2516
output ensures stability. Nevertheless, the RT2516 can
still work well with other types of output capacitors due to
its wide range of stable ESR. Figure 3 shows the allowable
ESR range as a function of load current for various output
capacitance. Output capacitors with larger capacitance can
reduce noise and improve load transient response,
stability, and PSRR. The output capacitor should be located
at a distance of not more than 0.5 inch from the output pin
of the RT2516.
Figure 3
Thermal Considerations
Thermal protection limits power dissipation in RT2516.
When the operation junction temperature exceeds 160
°C,
the OTP circuit starts the thermal shutdown function and
turns the pass element off. The pass element turns on
again after the junction temperature cools by 30
°C.
RT2516 output voltage will be closed to zero when output
short circuit occurs as shown in Figure 4. It can reduce
the IC temperature and provides maximum safety to end
users when output short circuit occurs.
Region of Stable COUT ESR vs. Load Current
0.001
0.01
0.1
1
10
100
0.0
0.3
0.5
0.8
1.0
Load Current (A)
VIN = 3.3V, VOUT = 2.5V, COUT = 10
μF / X7R
Unstable Range
Stable Range



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com