Electronic Components Datasheet Search
  English  ▼

X  

RT2516 Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT2516
Description  2A, Low Input Voltage, Ultra-Low Dropout LDO Regulator with Enable
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT2516 Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT2516 Datasheet HTML 1Page - Richtek Technology Corporation RT2516 Datasheet HTML 2Page - Richtek Technology Corporation RT2516 Datasheet HTML 3Page - Richtek Technology Corporation RT2516 Datasheet HTML 4Page - Richtek Technology Corporation RT2516 Datasheet HTML 5Page - Richtek Technology Corporation RT2516 Datasheet HTML 6Page - Richtek Technology Corporation RT2516 Datasheet HTML 7Page - Richtek Technology Corporation RT2516 Datasheet HTML 8Page - Richtek Technology Corporation RT2516 Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
RT2516
3
DS2516-01
July 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Absolute Maximum Ratings
(Note 1)
Supply Voltage, VIN ------------------------------------------------------------------------------------------------------
−0.3V to 7V
Other I/O Pin ---------------------------------------------------------------------------------------------------------------
−0.3V to 6V
Power Dissipation, PD @ TA = 25
°C
SOP-8 (Exposed Pad) --------------------------------------------------------------------------------------------------- 2.04W
Package Thermal Resistance (Note 2)
SOP-8 (Exposed Pad),
θJA ---------------------------------------------------------------------------------------------- 49°C/W
SOP-8 (Exposed Pad),
θJC --------------------------------------------------------------------------------------------- 15°C/W
Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------------------------- 260
°C
Junction Temperature ----------------------------------------------------------------------------------------------------- 150
°C
Storage Temperature Range --------------------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Model) ---------------------------------------------------------------------------------------------- 2kV
Recommended Operating Conditions
(Note 4)
Supply Voltage, VIN ------------------------------------------------------------------------------------------------------ 1.4V to 6V
Junction Temperature Range --------------------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range --------------------------------------------------------------------------------------------
−40°C to 85°C
Electrical Characteristics
(VIN = 1.4V to 6V, IOUT = 10
μA to 2A, VADJ = VOUT, −40°C ≤ TA ≤ 85°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Quiescent Current
IQ
VIN = 3.3V, IOUT = 0A
--
0.7
1.5
mA
Shutdown Current
ISHDN
VIN = 6V, VEN = 0V
--
1.5
10
μA
VIN = VOUT + 0.5V, IOUT = 10mA,
TA = 25°C
VIN = 1.8V, IOUT = 0.8A, TA = 25°C
−2
--
2
Output Voltage
VOUT
1.4V
≤ VIN ≤ 6V, IOUT = 10mA
−3
--
3
%
Line Regulation
ΔVLINE
IOUT = 10mA
--
0.2
0.4
%/V
Load Regulation
ΔV
LOAD
IOUT = 10mA to 2A
--
0.5
1.5
%
IOUT = 1A, VIN ≥ 1.6V
--
120
200
IOUT = 1A, 1.4V < VIN < 1.6V
--
--
400
IOUT = 1.5A, VIN ≥ 1.6V
--
180
300
IOUT = 1.5A, 1.4V < VIN < 1.6V
--
--
500
IOUT = 2A, VIN ≥ 1.6V
--
240
400
Dropout Voltage
VDROP
IOUT = 2A, 1.4V < VIN < 1.6V
--
--
600
mV
Current Limit
ILIM
VIN = 3.3V
2.3
3
4.4
A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com