Electronic Components Datasheet Search
  English  ▼

X  

ILX718 Datasheet(PDF) 2 Page - Sony Corporation

Part # ILX718
Description  5363-pixel X 3 line CCD Linear Sensor (Color)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ILX718 Datasheet(HTML) 2 Page - Sony Corporation

  ILX718 Datasheet HTML 1Page - Sony Corporation ILX718 Datasheet HTML 2Page - Sony Corporation ILX718 Datasheet HTML 3Page - Sony Corporation ILX718 Datasheet HTML 4Page - Sony Corporation ILX718 Datasheet HTML 5Page - Sony Corporation ILX718 Datasheet HTML 6Page - Sony Corporation ILX718 Datasheet HTML 7Page - Sony Corporation ILX718 Datasheet HTML 8Page - Sony Corporation ILX718 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
– 2 –
ILX718K
Pin Description
Pin No.
Symbol
Description
Pin No.
Symbol
Description
1
2
3
4
5
6
7
8
9
10
11
VOUT-R
GND
φRS
φLH
GND
φ1
φSHUT-R
φ1
φSHUT-G
φROG-R
GND
Signal out (red)
GND
Clock pulse input
Clock pulse input
GND
Clock pulse input
Clock pulse input
Clock pulse input
Clock pulse input
Clock pulse input
GND
12
13
14
15
16
17
18
19
20
21
22
φROG-G
φROG-B
φSHUT-B
φ2
VDD
φ2
NC
NC
VDD
VOUT-B
VOUT-G
Clock pulse input
Clock pulse input
Clock pulse input
Clock pulse input
12V power supply
Clock pulse input
NC
NC
12V power supply
Signal out (blue)
Signal out (green)
Recommended Supply Voltage
Item
VDD
Min.
11.4
Typ.
12
Max.
12.6
Unit
V
Clock Characteristics
Symbol
C
φ1, Cφ2
C
φLH
C
φRS
C
φROG
C
φSHUT
Min.
—
—
—
—
—
Typ.
850
10
10
10
10
Max.
—
—
—
—
—
Unit
pF
pF
pF
pF
pF
Item
Input capacity of
φ1, φ2
Input capacity of
φLH
Input capacity of
φRS
Input capacity of
φROG∗1
Input capacity of
φSHUT∗1
Input Clock Pulse Voltage Condition
High level
Low level
Min.
4.75
—
Typ.
5.0
0
Max.
5.25
0.1
Unit
V
V
Item
φ1, φ2, φLH, φRS, φROG,
φSHUT pulse voltage
∗1 It indicates that φROG-
R
,
φROG-G, φROG-B as φROG, φSHUT-R, φSHUT-G, φSHUT-B as φSHUT.
Clock Frequency
Min.
—
Typ.
1
Max.
5
Unit
MHz
Item
Symbol
φ1, φ2, φLH, φRS
f
φ1, fφ2, fφLH, fφRS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com