Electronic Components Datasheet Search
  English  ▼

X  

ILX718 Datasheet(PDF) 3 Page - Sony Corporation

Part # ILX718
Description  5363-pixel X 3 line CCD Linear Sensor (Color)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ILX718 Datasheet(HTML) 3 Page - Sony Corporation

  ILX718 Datasheet HTML 1Page - Sony Corporation ILX718 Datasheet HTML 2Page - Sony Corporation ILX718 Datasheet HTML 3Page - Sony Corporation ILX718 Datasheet HTML 4Page - Sony Corporation ILX718 Datasheet HTML 5Page - Sony Corporation ILX718 Datasheet HTML 6Page - Sony Corporation ILX718 Datasheet HTML 7Page - Sony Corporation ILX718 Datasheet HTML 8Page - Sony Corporation ILX718 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
– 3 –
ILX718K
Electrooptical Characteristics (Note 1)
Ta = 25°C, VDD = 12V, f
φRS = 1MHz, Input clock = 5Vp-p, Light source = 3200K, IR cut filter CM-500S (t = 1.0mm)
Item
Symbol
Min.
Typ.
Max.
Unit
Remarks
Sensitivity
Sensitivity nonuniformity
Saturation output voltage
Saturation
exposure
Dark voltage average
Dark signal nonuniformity
Image lag
Supply current
Total transfer efficiency
Output impedance
Offset level
Dynamic range
RR
RG
RB
PRNU
VSAT
SER
SEG
SEB
VDRK
DSNU
IL
IVDD
TTE
ZO
VOS
DR
1.3
2.1
1.6
—
2
0.74
0.46
0.58
—
—
—
—
92
—
—
1000
2.0
3.2
2.5
4
3.2
1.6
1
1.28
0.3
1.5
0.02
26
98
250
6.5
10670
2.7
4.3
3.4
20
—
—
—
—
2
5
—
50
—
—
—
—
V/(lx · s)
%
V
lx · s
mV
mV
%
mA
%
Ω
V
—
Note 2
Note 3
Note 4
Note 5
Note 6
Note 6
Note 7
—
—
—
Note 8
Note 9
Red
Green
Blue
Red
Green
Blue
Note
1) In accordance with the given electrooptical characteristics, the black level is defined as the average value
of D2, D3 to D12.
2) For the sensitivity test light is applied with a uniform intensity of illumination.
3) PRNU is defined as indicated below. Ray incidence conditions are the same as for Note 2.
VOUT-G = 500mV (Typ.)
PRNU =
× 100 [%]
Where the 5363 pixels are divided into blocks of 114 (Last block is 119 pixel). The maximum output of
each block is set to VMAX, the minimum output to VMIN and the average output to VAVE.
4) Use below the minimum value of the saturation output voltage.
5) Saturation exposure is defined as follows.
SE =
Where R indicates RR, RG, RB, and SE indicates SER, SEG, SEB.
6) Optical signal accumulated time
τ int stands at 10ms.
7) VOUT-G = 500mV (Typ.)
8) Vos is defined as indicated bellow.
VOUT indicates VOUT-R, VOUT-G, and VOUT-B.
9) Dynamic range is defined as follows.
DR =
When the optical signal accumulated time is shorter, the dynamic range gets wider because the optical
signal accumulated time is in proportion to the dark voltage.
(VMAX – VMIN) /2
VAVE
VOS
VOUT
GND
VSAT
R
VSAT
VDRK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com