Electronic Components Datasheet Search
  English  ▼

X  

ILX718 Datasheet(PDF) 1 Page - Sony Corporation

Part # ILX718
Description  5363-pixel X 3 line CCD Linear Sensor (Color)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ILX718 Datasheet(HTML) 1 Page - Sony Corporation

  ILX718 Datasheet HTML 1Page - Sony Corporation ILX718 Datasheet HTML 2Page - Sony Corporation ILX718 Datasheet HTML 3Page - Sony Corporation ILX718 Datasheet HTML 4Page - Sony Corporation ILX718 Datasheet HTML 5Page - Sony Corporation ILX718 Datasheet HTML 6Page - Sony Corporation ILX718 Datasheet HTML 7Page - Sony Corporation ILX718 Datasheet HTML 8Page - Sony Corporation ILX718 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
– 1 –
ILX718K
22 pin DIP (Plastic)
E96541B9X-PS
5363-pixel
× 3 line CCD Linear Sensor (Color)
Description
The ILX718K is a reduction type CCD linear sensor
developed for color image scanner, and has shutter
function per each color. This sensor reads A4-size
documents at a density of 600 DPI.
Features
• Number of effective pixels: 16089 pixels
(5363 pixels
× 3)
• Pixel size:
8µm
× 8µm (8µm pitch)
• Distance between line:
64µm (8 Lines)
• Single-sided readout
• Shutter function
• Ultra low lag / High sensitivity
• Single 12V power supply
• Input clock pulse:
CMOS 5V drive
• Number of output
3 (R, G, B)
• Package:
22 pin Plastic-DIP (400 mil)
Absolute Maximum Ratings
• Supply voltage
VDD
15
V
• Operating temperature
–10 to +55
°C
• Storage temperature
–30 to +80
°C
Pin Configuration (Top View)
Block Diagram
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
1
VOUT-G
VOUT-B
VDD
NC
NC
VDD
φ2
φSHUT-B
φROG-B
φROG-G
VOUT-R
GND
φRS
φLH
GND
φSHUT-R
φ1
φSHUT-G
φROG-R
GND
φ2
φ1


Similar Part No. - ILX718

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ILX716K SONY-ILX716K Datasheet
145Kb / 12P
3648 X 3pixel CCD Linear Sensor (Color)
More results

Similar Description - ILX718

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ILX115LA SONY-ILX115LA Datasheet
161Kb / 12P
5000-pixel X 3 line CCD Linear Sensor (Color)
ILX518K SONY-ILX518K Datasheet
128Kb / 11P
5363-pixel X 3 line CCD Linear Sensor (Color)
ILX524KA SONY-ILX524KA Datasheet
119Kb / 11P
2700 pixel X 3 line CCD Linear Sensor (Color)
ILX533K SONY-ILX533K Datasheet
129Kb / 11P
2700 pixel X 3 line CCD Linear Sensor (Color)
ILX533KB SONY-ILX533KB Datasheet
125Kb / 11P
2700 pixel X 3 line CCD Linear Sensor (Color)
ILX535K SONY-ILX535K Datasheet
132Kb / 11P
5300 pixel X 3 line CCD Linear Sensor (Color)
ILX547K SONY-ILX547K Datasheet
129Kb / 11P
2700 X 3 pixel CCD Linear Sensor (Color)
ILX550K SONY-ILX550K Datasheet
150Kb / 11P
10680 pixel X 3 line CCD Linear Sensor (Color)
ILX724KA SONY-ILX724KA Datasheet
133Kb / 12P
2700-pixel X 3 line CCD Linear Sensor (Color)
ILX734LA SONY-ILX734LA Datasheet
152Kb / 12P
10500 X 3 pixel CCD Linear Sensor (Color)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com