Electronic Components Datasheet Search
  English  ▼

X  

ILX718 Datasheet(PDF) 11 Page - Sony Corporation

Part # ILX718
Description  5363-pixel X 3 line CCD Linear Sensor (Color)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ILX718 Datasheet(HTML) 11 Page - Sony Corporation

Back Button ILX718 Datasheet HTML 4Page - Sony Corporation ILX718 Datasheet HTML 5Page - Sony Corporation ILX718 Datasheet HTML 6Page - Sony Corporation ILX718 Datasheet HTML 7Page - Sony Corporation ILX718 Datasheet HTML 8Page - Sony Corporation ILX718 Datasheet HTML 9Page - Sony Corporation ILX718 Datasheet HTML 10Page - Sony Corporation ILX718 Datasheet HTML 11Page - Sony Corporation ILX718 Datasheet HTML 12Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
– 11 –
ILX718K
3) Soldering
a) Make sure the package temperature does not exceed 80°C.
b) Solder dipping in a mounting furnace causes damage to the glass and other defects. Use a grounded
30W soldering iron and solder each pin in less then 2 seconds. For repairs and remount, cool sufficiently.
c) To dismount an imaging device, do not use a solder suction equipment. When using an electric desoldering
tool, ground the controller. For the control system, use a zero cross type.
4) Dust and dirt protection
a) Operate in clean environments.
b) Do not either touch glass plates by hand or have any object come in contact with glass surfaces. Should
dirt stick to a glass surface, blow it off with an air blower. (For dirt stuck through static electricity ionized
air is recommended.)
c) Clean with a cotton bud and ethyl alcohol if the glass surface is grease stained. Be careful not to scratch
the glass.
d) Keep in a case to protect from dust and dirt. To prevent dew condensation, preheat or precool when
moving to a room with great temperature differences.
5) Exposure to high temperatures or humidity will affect the characteristics. Accordingly avoid storage or
usage in such conditions.
6) CCD image sensors are precise optical equipment that should not be subject to mechanical shocks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com