Electronic Components Datasheet Search
  English  ▼

X  

LOG114EVM Datasheet(PDF) 2 Page - Texas Instruments

Part # LOG114EVM
Description  LOG114EVM User Guide
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LOG114EVM Datasheet(HTML) 2 Page - Texas Instruments

  LOG114EVM Datasheet HTML 1Page - Texas Instruments LOG114EVM Datasheet HTML 2Page - Texas Instruments LOG114EVM Datasheet HTML 3Page - Texas Instruments LOG114EVM Datasheet HTML 4Page - Texas Instruments LOG114EVM Datasheet HTML 5Page - Texas Instruments LOG114EVM Datasheet HTML 6Page - Texas Instruments LOG114EVM Datasheet HTML 7Page - Texas Instruments LOG114EVM Datasheet HTML 8Page - Texas Instruments LOG114EVM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Overview
www.ti.com
1
Overview
The LOG114 is a single-supply, high-speed, precision logarithmic amplifier. This device computes the
logarithm or log-ratio of an input current or voltage relative to a reference current or voltage. The
LOG114EVM (shown in Figure 1) is a ready-to-use platform for evaluating the performance of the
LOG114 in various configurations. This document gives a general overview of the LOG114EVM, and
provides a general description of the features and functions to be considered while using this evaluation
module.
Figure 1. LOG114EVM
1.1
Getting Started
Tested at the factory over a wide range of input currents, the LOG114EVM comes ready to use and
includes this Quick Start User
’s Guide. Use of the LOG114EVM requires a 5-V power source, an input
source such as a photodiode or resistor, and a digital voltmeter or oscilloscope.
1.2
Related Documentation from Texas Instruments
The following documents provide information regarding Texas Instruments' integrated circuits and support
tools for the LOG114EVM. This user's guide is available from the TI web site under literature number
SBOU110. Any letter appended to the literature number corresponds to the document revision that is
current at the time of the writing of this document. Newer revisions may be available from the TI web site,
or call the Texas Instruments' Literature Response Center at (800) 477-8924 or the Product Information
Center at (972) 644-5580. When ordering, identify the document by both title and literature number.
Related Documentation
Document
Literature Number
LOG114 Product Data Sheet
SBOS301
LOG114 TINA-TI Reference Design
SBOM384B
LOG114 TINA-TI Spice Model
SBOM385B
2
LOG114EVM User Guide
SBOU110
– September 2011
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com