Electronic Components Datasheet Search
  English  ▼

X  

LOG114EVM Datasheet(PDF) 4 Page - Texas Instruments

Part # LOG114EVM
Description  LOG114EVM User Guide
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LOG114EVM Datasheet(HTML) 4 Page - Texas Instruments

  LOG114EVM Datasheet HTML 1Page - Texas Instruments LOG114EVM Datasheet HTML 2Page - Texas Instruments LOG114EVM Datasheet HTML 3Page - Texas Instruments LOG114EVM Datasheet HTML 4Page - Texas Instruments LOG114EVM Datasheet HTML 5Page - Texas Instruments LOG114EVM Datasheet HTML 6Page - Texas Instruments LOG114EVM Datasheet HTML 7Page - Texas Instruments LOG114EVM Datasheet HTML 8Page - Texas Instruments LOG114EVM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
R11
1 MW
R8
4.3 kW
R6
10 kW
R5
10 kW
R7
10 kW
VBIAS
(from the
Level Shifter)
I
PHOTO
A2
A1
A3
A4
A5
V+
V-
VREF
VOUT
VREF
VLOGOUT
High-Current Linearity
Correction Signal
I
REF
+
VCC
5 V
C1
100 nF
I
I
2
1
V
=
LOGOUT
0.375 LOG
10
·
+ 2 V + I R
1
S
·
( (
LOG114EVM
www.ti.com
The V
LOGOUT output is then scaled by resistors R7 and R8. These resistors divide the signal before
combining with the high-current linearity correction section. Combining the input signal and linearity
correction signal is accomplished with amplifier A4 and resistors R5 and R6. Capacitor C1 is used to
bypass the power supply for the LOG114. The signal path circuit is shown in Figure 3.
Figure 3. LOG114EVM Signal Path
2.3
High-Current Linearity Correction
The LOG114 is capable of handling a wide dynamic range of currents, from less than 100 pA in a carefully
designed PCB to 10 mA in high-current applications. Because the LOG114 was designed for high speeds,
the transistors that provide feedback around amplifiers A1 and A2 within the LOG114 have a small series
resistance, R
S. This small series resistance causes a deviation from the ideal LOG114 transfer function at
input currents that exceed approximately 1 mA. The modified equation for V
LOGOUT that shows this
deviation from the ideal is given in Equation 3.
(3)
4
LOG114EVM User Guide
SBOU110
– September 2011
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com