Electronic Components Datasheet Search
  English  ▼

X  

LOG114EVM Datasheet(PDF) 12 Page - Texas Instruments

Part # LOG114EVM
Description  LOG114EVM User Guide
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LOG114EVM Datasheet(HTML) 12 Page - Texas Instruments

Back Button LOG114EVM Datasheet HTML 8Page - Texas Instruments LOG114EVM Datasheet HTML 9Page - Texas Instruments LOG114EVM Datasheet HTML 10Page - Texas Instruments LOG114EVM Datasheet HTML 11Page - Texas Instruments LOG114EVM Datasheet HTML 12Page - Texas Instruments LOG114EVM Datasheet HTML 13Page - Texas Instruments LOG114EVM Datasheet HTML 14Page - Texas Instruments LOG114EVM Datasheet HTML 15Page - Texas Instruments LOG114EVM Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
1
1.5
2
2.5
3
10n
100n
1
10
100
1m
10m
m
m
m
Input Current (A)
Uncompensated Output
Compensated Output
Verifying Results
www.ti.com
5
Verifying Results
Making measurements on the LOG114EVM is fast and easy. Connect a digital voltmeter or oscilloscope to
the terminal of interest and record the results. Included with the graph of measured results is a table of
results for common values of input currents. In Figure 13, two curves are shown. Both curves use a
resistor input and V
OUT is recorded as a function of input current. The compensated (red) curve connects
the resistor as shown in Figure 11 and uses the high-current linearity correction circuitry. The
uncompensated curve (blue) uses the resistor connected to I
1 and VREF as shown in Figure 10.
Figure 13. LOG114EVM Measured Results
Table 1 lists several typical results obtained with various input voltages.
Table 1. LOG114EVM Typical Results
Uncompensated
Compensated
Input
V
LOGOUT (V)
V
OUT (V)
V
LOGOUT (V)
V
OUT (V)
10 nA
1.36
1.15
1.36
1.15
100 nA
1.74
1.38
1.74
1.38
1
μA
2.11
1.60
2.11
1.60
10
μA
2.49
1.83
2.49
1.83
100
μA
2.87
2.06
2.87
2.06
1 mA
3.29
2.31
3.29
2.30
10 mA
4.11
2.82
4.11
2.67
12
LOG114EVM User Guide
SBOU110
– September 2011
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com