Electronic Components Datasheet Search
  English  ▼

X  

LOG114EVM Datasheet(PDF) 5 Page - Texas Instruments

Part # LOG114EVM
Description  LOG114EVM User Guide
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LOG114EVM Datasheet(HTML) 5 Page - Texas Instruments

  LOG114EVM Datasheet HTML 1Page - Texas Instruments LOG114EVM Datasheet HTML 2Page - Texas Instruments LOG114EVM Datasheet HTML 3Page - Texas Instruments LOG114EVM Datasheet HTML 4Page - Texas Instruments LOG114EVM Datasheet HTML 5Page - Texas Instruments LOG114EVM Datasheet HTML 6Page - Texas Instruments LOG114EVM Datasheet HTML 7Page - Texas Instruments LOG114EVM Datasheet HTML 8Page - Texas Instruments LOG114EVM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
R2
3 W
R4
5 kW
R3
1 kW
R2
21.5 kW
VBIAS
(from the Level Shifter)
I
PHOTO
A2
A1
A3
A4
A5
V+
V-
VREF
VERR
www.ti.com
LOG114EVM
The high-current linearity correction circuit (refer to Figure 4) creates an error signal that is proportional to
input current I
1 by using R2, R3 and R4, and amplifier A5. Resistor R1 is used to properly level-shift the
resulting output signal. The signal at the output from amplifier A5 is then coupled to the input of amplifier
A4 in a manner that subtracts the error signal from the output of the EVM, V
OUT.
Figure 4. High-Current Linearity Correction Circuit
5
SBOU110
– September 2011
LOG114EVM User Guide
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com