Electronic Components Datasheet Search
  English  ▼

X  

RT6030 Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT6030
Description  4-CH LED Current Source Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6030 Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT6030 Datasheet HTML 1Page - Richtek Technology Corporation RT6030 Datasheet HTML 2Page - Richtek Technology Corporation RT6030 Datasheet HTML 3Page - Richtek Technology Corporation RT6030 Datasheet HTML 4Page - Richtek Technology Corporation RT6030 Datasheet HTML 5Page - Richtek Technology Corporation RT6030 Datasheet HTML 6Page - Richtek Technology Corporation RT6030 Datasheet HTML 7Page - Richtek Technology Corporation RT6030 Datasheet HTML 8Page - Richtek Technology Corporation RT6030 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
RT6030
www.richtek.com
DS6030-02 March 2011
Electrical Characteristics
Recommended Operating Conditions
(Note 4)
Supply Input Voltage, VCC12 , VCC34 ----------------------------------------------------------------------------------- 3.8V to 13.5V
Chip Enable Voltage, EN1, EN2, EN3, EN4 ------------------------------------------------------------------------ 0V to 5.5V
Junction Temperature Range --------------------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range --------------------------------------------------------------------------------------------
−40°C to 85°C
Absolute Maximum Ratings
(Note 1)
VCC12, VCC34 ------------------------------------------------------------------------------------------------------------ 15V
All Other Inputs ------------------------------------------------------------------------------------------------------------ 7V
Power Dissipation, PD @ TA = 25
°C
SOP-16 ---------------------------------------------------------------------------------------------------------------------- 1.053W
Package Thermal Resistance (Note 2)
SOP-16,
θJA ---------------------------------------------------------------------------------------------------------------- 95°C/W
Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------------------------- 260
°C
Junction Temperature ----------------------------------------------------------------------------------------------------- 150
°C
Storage Temperature Range --------------------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 3)
HBM -------------------------------------------------------------------------------------------------------------------------- 1.5kV
MM ---------------------------------------------------------------------------------------------------------------------------- 150V
(VCC12 = 5V/12V, VCC34 = 5V/12V, TA = 25
°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Under Voltage Lockout
Threshold
VUVLO
VCC12 and VCC34 Rising
3.15
3.4
3.65
V
Under Voltage Lockout
Hysteresis
ΔVUVLO VCC12 and VCC34 Falling
0.1
0.2
0.3
V
VCC12 and VCC34 Supply Current
VCC12 and VCC34 = 12V
--
0.6
1.6
mA
Driver Source Current
ISR
VCC12 and VCC34 = 12V
VDRI1 to VDRI4 = 6V
5
--
--
mA
Driver Sink Current
ISK
VCC12 and VCC34 = 12V
VDRI1 to VDRI4 = 6V
5
--
--
mA
Reference Voltage
(VFB1 to VFB4)
VCC12 and VCC34 = 12V
VDRI1 to VDRI4 = 5V
0.784
0.8
0.816
V
Reference Line Regulation (VFB1
to VFB4)
VCC12 and VCC34 = 4.5V to 13.5V
--
3
6
mV
Amplifier Voltage Gain
VCC12 and VCC34 = 12V, No Load
--
70
--
dB
Chip Enable
EN Rising Threshold
VEN
VCC12 and VCC34 = 12V
--
0.7
--
V
EN Hysteresis
ΔVEN
VCC12 and VCC34 = 12V
--
30
--
mV
Standby Current
VCC12 and VCC34 = 12V
VEN1 to VEN4 = 0V
--
--
10
μA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com