Electronic Components Datasheet Search
  English  ▼

X  

RT6030 Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT6030
Description  4-CH LED Current Source Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6030 Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT6030 Datasheet HTML 2Page - Richtek Technology Corporation RT6030 Datasheet HTML 3Page - Richtek Technology Corporation RT6030 Datasheet HTML 4Page - Richtek Technology Corporation RT6030 Datasheet HTML 5Page - Richtek Technology Corporation RT6030 Datasheet HTML 6Page - Richtek Technology Corporation RT6030 Datasheet HTML 7Page - Richtek Technology Corporation RT6030 Datasheet HTML 8Page - Richtek Technology Corporation RT6030 Datasheet HTML 9Page - Richtek Technology Corporation RT6030 Datasheet HTML 10Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
RT6030
DS6030-02 March 2011
www.richtek.com
DRI Source Current vs. Temperature
0
10
20
30
40
50
60
70
-50-25
0
25
50
75100
125
Temperature (°C)
VCC12 = 12V, VFB1 = 0.6V, VDRI1 = 6V
DRI Sink Current vs. DRI1 Voltage
0
5
10
15
20
25
01
23
45
67
DRI1 Voltage (V)
VCC12 = 12V, VFB1 = 1V, VEN1 = 3V
LED Current vs. PWM Duty
0
20
40
60
80
100
120
140
160
180
0
20
40
60
80
100
PWM Duty (%)
VCC1 = VCC2 = 12V, RSET = 5.1
Ω,
LED = 8ea, EN = 0 to 5V/250Hz
ILED1
ILED2
ILED3
ILED4
DRI Source Current vs. DRI1 Voltage
35
37
39
41
43
45
47
49
51
53
55
0123
4567
DRI1 Voltage (V)
VCC12 = 12V, VFB1 = 0.6V, VEN1 = 3V
PWM Dimming From EN
Time (5ms/Div)
VFB1
(500mV/Div)
VEN
(5V/Div)
VLED
(2V/Div)
ILED
(100mA/Div)
VCC12 = 12V, R1 = 5.1
Ω, LED = 3V
Feedback Reference Voltage vs. Temperature
0.76
0.77
0.78
0.79
0.80
0.81
0.82
-50
-25
0
25
50
75
100
125
Temperature (°C)
VCC12 = 12V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com