Electronic Components Datasheet Search
  English  ▼

X  

RT6030 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT6030
Description  4-CH LED Current Source Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6030 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT6030 Datasheet HTML 1Page - Richtek Technology Corporation RT6030 Datasheet HTML 2Page - Richtek Technology Corporation RT6030 Datasheet HTML 3Page - Richtek Technology Corporation RT6030 Datasheet HTML 4Page - Richtek Technology Corporation RT6030 Datasheet HTML 5Page - Richtek Technology Corporation RT6030 Datasheet HTML 6Page - Richtek Technology Corporation RT6030 Datasheet HTML 7Page - Richtek Technology Corporation RT6030 Datasheet HTML 8Page - Richtek Technology Corporation RT6030 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
RT6030
www.richtek.com
DS6030-02 March 2011
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
DRI1
1
st CH Driver Output.
2
FB1
1
st CH Current Sense Voltage Feedback.
3, 11
GND
Ground.
4
EN1
1st CH Chip Enable (Active High).
5
FB3
3
rd CH Current Sense Voltage Feedback.
6
DRI3
3
rd CH Driver Output.
7
EN3
3rd CH Chip Enable (Active High).
8
VCC34
CH3 and CH4 Power Supply Input.
9
DRI4
4th CH Driver Output.
10
FB4
4
th CH Current Sense Voltage Feedback.
12
EN4
4
th CH Chip Enable (Active High).
13
FB2
2
nd CH Current Sense Voltage Feedback.
14
DRI2
2
nd CH Driver Output.
15
EN2
2
nd CH Chip Enable (Active High).
16
VCC12
CH1 and CH2 Power Supply Input.
Typical Application Circuit
GND
VCC12
RT6030
VCC34
Chip Enable
VCC
EN3
EN1
EN2
EN4
DRI1
FB2
FB1
DRI2
DRI3
FB3
DRI4
FB4
R1
C12
C34
8
16
3, 11
4
15
7
12
1
2
14
13
6
5
9
10
R4
VLED
R3
R2
Q1
Q2
RDRI1
RDRI2
RDRI3
RDRI4
Q3
Q4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com