Electronic Components Datasheet Search
  English  ▼

X  

RT6030 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT6030
Description  4-CH LED Current Source Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6030 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT6030 Datasheet HTML 1Page - Richtek Technology Corporation RT6030 Datasheet HTML 2Page - Richtek Technology Corporation RT6030 Datasheet HTML 3Page - Richtek Technology Corporation RT6030 Datasheet HTML 4Page - Richtek Technology Corporation RT6030 Datasheet HTML 5Page - Richtek Technology Corporation RT6030 Datasheet HTML 6Page - Richtek Technology Corporation RT6030 Datasheet HTML 7Page - Richtek Technology Corporation RT6030 Datasheet HTML 8Page - Richtek Technology Corporation RT6030 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
RT6030
DS6030-02 March 2011
www.richtek.com
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
4-CH LED Current Source Controller
General Description
The RT6030 is a current source controller, capable of driving
up to 4-CH of LEDs . The part can also be used to drive
an external BJT or N-MOSFET for various applications.
With a wide operating voltage range from 3.8V to 13.5V,
the RT6030 has the advantage of being flexible and cost-
effective. The RT6030 is available in an SOP-16 package.
Features
3.8V to 13.5V Operating Voltage
0.8V Voltage Reference with
±±±±±2% High Accuracy
Independent Enable Control for Each Channel
Quick Transient Response
Over Temperature Protection
RoHS Compliant and Halogen Free
Applications
LED TV Backlight
Lighting
Intelligent Instruments
Industrial Display Backlight
Pin Configurations
SOP-16
(TOP VIEW)
VCC12
EN2
FB2
DRI2
EN4
GND
FB4
DRI1
FB1
GND
EN1
FB3
DRI3
EN3
DRI4
VCC34
6
7
8
4
5
2
3
16
13
15
14
12
9
11
10
Marking Information
RT6030
GSYMDNN
RT6030GS : Product Number
YMDNN : Date Code
RT6030
Package Type
S : SOP-16
Lead Plating System
G : Green (Halogen Free and Pb Free)


Similar Part No. - RT6030

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
RT600 NXP-RT600 Datasheet
6Mb / 165P
Dual-core microcontroller with 32-bit Cortex짰-M33 and Xtensa HiFi4 Audio DSP CPUs
Rev. 1.9-30 December 2021
RT600 NXP-RT600 Datasheet
6Mb / 167P
Dual-core microcontroller with 32-bit Cortex짰-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host Phy; 12-bit 1 Msamples/s ADC; Analog Comparator; Audio
Rev. 2.0-1 April 2022
RT600 NXP-RT600 Datasheet
5Mb / 171P
Dual-core microcontroller with 32-bit Cortex®-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host
Rev. 2.1 - 7 July 2023
RT600 NXP-RT600 Datasheet
5Mb / 171P
Dual-core microcontroller with 32-bit Cortex®-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host Phy; 12-bit 1 Msamples/s ADC; Analog Comparator; Audio
Rev. 2.2 - 25 January 2024
RT600 NXP-RT600 Datasheet
5Mb / 171P
Dual-core microcontroller with 32-bit Cortex®-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host Phy; 12-bit 1 Msamples/s ADC
Rev. 2.3 - 16 May 2024
More results

Similar Description - RT6030

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9906DB2 SUTEX-HV9906DB2 Datasheet
287Kb / 4P
Off-Line Current Source Controller
HV9906DB3 SUTEX-HV9906DB3 Datasheet
200Kb / 3P
Off-Line PFC Current Source Controller
HV9906DB4 SUTEX-HV9906DB4 Datasheet
218Kb / 3P
Off-Line Current Source Controller
logo
ON Semiconductor
AND8109 ONSEMI-AND8109 Datasheet
32Kb / 2P
LED CONSTANT CURRENT SOURCE SCHEME
January, 2003 ??Rev. 0
logo
Lowpower Semiconductor ...
LP3164 POWER-LP3164 Datasheet
131Kb / 5P
4-Channel Current Source White LED Driver
logo
Fairchild Semiconductor
FAN7346 FAIRCHILD-FAN7346 Datasheet
1Mb / 19P
4-Channel LED Current Balance Controller
logo
Richtek Technology Corp...
RT9052 RICHTEK-RT9052 Datasheet
212Kb / 9P
Single Channel LED Current Source Controller
RT8489 RICHTEK-RT8489 Datasheet
310Kb / 16P
High Voltage 4-CH LED Driver Controller
logo
ON Semiconductor
FAN7346 ONSEMI-FAN7346 Datasheet
3Mb / 21P
4-Channel LED Current Balance Controller
ctober, 2016 ??Rev. 0
logo
Diodes Incorporated
AL3065A DIODES-AL3065A Datasheet
443Kb / 16P
BOOST CONTROLLER WITH 4-CHANNEL HIGH PERCISION CURRENT SOURCE
Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com